Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 139 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 139 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 135Page - Silicon Laboratories EM357-RTR Datasheet HTML 136Page - Silicon Laboratories EM357-RTR Datasheet HTML 137Page - Silicon Laboratories EM357-RTR Datasheet HTML 138Page - Silicon Laboratories EM357-RTR Datasheet HTML 139Page - Silicon Laboratories EM357-RTR Datasheet HTML 140Page - Silicon Laboratories EM357-RTR Datasheet HTML 141Page - Silicon Laboratories EM357-RTR Datasheet HTML 142Page - Silicon Laboratories EM357-RTR Datasheet HTML 143Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 241 page
background image
139
Rev 1.3
9.3.14. Timer Synchronization
The two timers can be linked together internally for timer synchronization or chaining. A timer configured in master
mode can reset, start, stop or clock the counter of the other timer configured in slave mode.
Figure 9.31 presents an overview of the trigger selection and the master mode selection blocks.
9.3.14.1. Using One Timer as Prescaler for the Other Timer
For example, to configure Timer 1 to act as a prescaler for Timer 2:

Configure Timer 1 in master mode so that it outputs a periodic trigger signal on each UEV. Writing
TIM_MMS = 010 in the TIM1_CR2 register causes a rising edge to be output on TRGO each time a UEV is
generated.

To connect the TRGO output of Timer 1 to Timer 2, configure Timer 2 in slave mode using ITR0 as an
internal trigger. Write TIM_TS = 100 in the TIM2_SMCR register.

Put the slave mode controller in external clock mode 1: Write TIM_SMS = 111 in the TIM2_SMCR register.
This causes Timer 2 to be clocked by the rising edge of the periodic Timer 1 trigger signal, which
corresponds to the Timer 1 counter overflow.

Finally, enable both timers: Set their respective TIM_CEN bits in the TIMx_CR1 register.
Note:
If OCy is selected on Timer 1 as trigger output (TIM_MMS = 1xx), its rising edge is used to clock the counter of Timer 2.
Figure 9.31. Master/Slave Timer Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com