Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 141 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 141 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 137Page - Silicon Laboratories EM357-RTR Datasheet HTML 138Page - Silicon Laboratories EM357-RTR Datasheet HTML 139Page - Silicon Laboratories EM357-RTR Datasheet HTML 140Page - Silicon Laboratories EM357-RTR Datasheet HTML 141Page - Silicon Laboratories EM357-RTR Datasheet HTML 142Page - Silicon Laboratories EM357-RTR Datasheet HTML 143Page - Silicon Laboratories EM357-RTR Datasheet HTML 144Page - Silicon Laboratories EM357-RTR Datasheet HTML 145Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 241 page
background image
141
Rev 1.3
Figure 9.33. Gating Timer 2 with Enable of Timer 1
9.3.14.3. Using One Timer to Start the Other Timer
In this example (see Figure 9.34), the enable of Timer 2 is set with the UEV of Timer 1. Timer 2 starts counting from
its current value (which can be non-zero) on the divided internal clock as soon as Timer 1 generates the UEV.
When Timer 2 receives the trigger signal its TIM_CEN bit is automatically set and the counter counts until 0 is
written to the TIM_CEN bit in the TIM2_CR1 register. Both counter clock frequencies are divided by 3 by the
prescaler compared to CK_INT (fCK_CNT = fCK_INT/3).

Configure Timer 1 in master mode to send its UEV as trigger output: WriteTIM_MMS = 010 in the
TIM1_CR2 register.

Configure the Timer 1 period (TIM1_ARR register).

Configure Timer 2 to get the input trigger from Timer 1: Write TIM_TS = 000 in the TIM2_SMCR register.

Configure Timer 2 in trigger mode. Write TIM_SMS = 110 in the TIM2_SMCR register.

Start Timer 1: Write 1 in the TIM_CEN bit in theTIM1_CR1 register.
Figure 9.34. Triggering Timer 2 with Update of Timer 1
As in the previous example, both counters can be initialized before starting counting. Figure 9.35 shows the
behavior with the same configuration shown in Figure 9.34, but in trigger mode instead of gated mode
(TIM_SMS = 110 in the TIM2_SMCR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com