Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 143 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 143 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 139Page - Silicon Laboratories EM357-RTR Datasheet HTML 140Page - Silicon Laboratories EM357-RTR Datasheet HTML 141Page - Silicon Laboratories EM357-RTR Datasheet HTML 142Page - Silicon Laboratories EM357-RTR Datasheet HTML 143Page - Silicon Laboratories EM357-RTR Datasheet HTML 144Page - Silicon Laboratories EM357-RTR Datasheet HTML 145Page - Silicon Laboratories EM357-RTR Datasheet HTML 146Page - Silicon Laboratories EM357-RTR Datasheet HTML 147Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 241 page
background image
143
Rev 1.3
Figure 9.36. Triggering Timer 1 and 2 with Timer 1 TI1 Input
9.3.15. Timer Signal Descriptions
Table 9.4. Timer Signal Descriptions
Signal
Internal/
External
Description
CK_INT
Internal
Internal clock source: connects to EM35x peripheral clock (PCLK) in internal clock mode.
CK_PSC
Internal
Input to the clock prescaler.
ETR
Internal
External trigger input (used in external timer mode 2): a clock selected by TIM_EXTRIGSEL in
TIMx_OR.
ETRF
Internal
External trigger: ETRP after filtering.
ETRP
Internal
External trigger: ETR after polarity selection, edge detection and prescaling.
ICy
External
Input capture or clock: TIy after filtering and edge detection.
ICyPS
Internal
Input capture signal after filtering, edge detection and prescaling: input to the capture register.
ITR0
Internal
Internal trigger input: connected to the other timer’s output, TRGO.
OCy
External
Output compare: TIMxCy when used as an output. Same as OCyREF but includes possible
polarity inversion.
OCyREF
Internal
Output compare reference: always active high, but may be inverted to produce OCy.
PCLK
External
Peripheral clock connects to CK_INT and used to clock input filtering. Its frequency is 12 MHz
if using the 24 MHz crystal oscillator and 6 MHz if using the 12 MHz RC oscillator.
TIy
Internal
Timer input: TIMxCy when used as a timer input.
TIyFPy
Internal
Timer input after filtering and polarity selection.
TIMxCy
Internal
Timer channel at a GPIO pin: can be a capture input (ICy) or a compare output (OCy).
TIMxCLK
External
Clock input (if selected) to the external trigger signal (ETR).
TIMxMSK
External
Clock mask (if enabled) AND’ed with the other timer’s TIMxCLK signal.
TRGI
Internal
Trigger input for slave mode controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com