Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 140 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 140 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 136Page - Silicon Laboratories EM357-RTR Datasheet HTML 137Page - Silicon Laboratories EM357-RTR Datasheet HTML 138Page - Silicon Laboratories EM357-RTR Datasheet HTML 139Page - Silicon Laboratories EM357-RTR Datasheet HTML 140Page - Silicon Laboratories EM357-RTR Datasheet HTML 141Page - Silicon Laboratories EM357-RTR Datasheet HTML 142Page - Silicon Laboratories EM357-RTR Datasheet HTML 143Page - Silicon Laboratories EM357-RTR Datasheet HTML 144Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 241 page
background image
Rev 1.3
140
9.3.14.2. Using One Timer to Enable the Other Timer
In this example, shown in Figure 9.32, the enable of Timer 2 is controlled with the output compare 1 of Timer 1.
Timer 2 counts on the divided internal clock only when OC1REF of Timer 1 is high. Both counter clock frequencies
are divided by 3 by the prescaler compared to CK_INT (fCK_CNT = fCK_INT /3).

Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF) signal as trigger
output: Write TIM_MMS = 100 in the TIM1_CR2 register.

Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).

Configure Timer 2 to get the input trigger from Timer 1: Write TIM_TS = 000 in the TIM2_SMCR register.

Configure Timer 2 in gated mode: Write TIM_SMS = 101 in the TIM2_SMCR register.

Enable Timer 2: Write 1 in the TIM_CEN bit in the TIM2_CR1 register.

Start Timer 1: Write 1 in the TIM_CEN bit in the TIM1_CR1 register.
Note:
The counter 2 clock is not synchronized with counter 1, this mode only affects the Timer 2 counter enable signal.
Figure 9.32. Gating Timer 2 with OC1REF of Timer 1
In the example in Figure 9.32, the Timer 2 counter and prescaler are not initialized before being started. So they
start counting from their current value. It is possible to start from a given value by resetting both timers before
starting Timer 1, then writing the desired value in the timer counters. The timers can easily be reset by software
using the TIM_UG bit in the TIMx_EGR registers.
The next example, shown in Figure 9.33, synchronizes Timer 1 and Timer 2. Timer 1 is the master and starts from
0. Timer 2 is the slave and starts from 0xE7. The prescaler ratio is the same for both timers. Timer 2 stops when
Timer 1 is disabled by writing 0 to the TIM_CEN bit in the TIM1_CR1 register:

Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF) signal as trigger
output: Write TIM_MMS = 100 in the TIM1_CR2 register)

Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).

Configure Timer 2 to get the input trigger from Timer 1: Write TIM_TS = 000 in the TIM2_SMCR register.

Configure Timer 2 in gated mode: Write TIM_SMS = 101 in the TIM2_SMCR register.

Reset Timer 1: Write 1 in the TIM_UG bit (TIM1_EGR register.

Reset Timer 2 by writing 1 in the TIM_UG bit (TIM2_EGR register).

Initialize Timer 2 to 0xE7: Write 0xE7 in the Timer 2 counter (TIM2_CNTL).

Enable Timer 2: Write 1 in the TIM_CEN bit in the TIM2_CR1 register.

Start Timer 1: Write 1 in the TIM_CEN bit in the TIM1_CR1 register.

Stop Timer 1: Write 0 in the TIM_CEN bit in the TIM1_CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com