Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 151 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 151 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 147Page - Silicon Laboratories EM357-RTR Datasheet HTML 148Page - Silicon Laboratories EM357-RTR Datasheet HTML 149Page - Silicon Laboratories EM357-RTR Datasheet HTML 150Page - Silicon Laboratories EM357-RTR Datasheet HTML 151Page - Silicon Laboratories EM357-RTR Datasheet HTML 152Page - Silicon Laboratories EM357-RTR Datasheet HTML 153Page - Silicon Laboratories EM357-RTR Datasheet HTML 154Page - Silicon Laboratories EM357-RTR Datasheet HTML 155Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 241 page
background image
151
Rev 1.3
TIM1_EGR: Address: 0x4000E014 Reset: 0x0
TIM2_EGR: Address: 0x4000F014 Reset: 0x0
Register 9.4. TIMx_EGR
TIM1_EGR: Timer 1 Event Generation Register
TIM2_EGR: Timer 2 Event Generation Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
TIM_TG
0
TIM_CC4G TIM_CC3G TIM_CC2G TIM_CC1G
TIM_UG
Bitname
Bitfield Access
Description
TIM_TG
[6]
W
Trigger Generation.
0: Does nothing.
1: Sets the TIM_TIF flag in the INT_TIMxFLAG register.
TIM_CC4G
[4]
W
Capture/Compare 4 Generation.
0: Does nothing.
1: If CC4 configured as output channel:
The TIM_CC4IF flag is set.
If CC4 configured as input channel:
The TIM_CC4IF flag is set.
The INT_TIMMISSCC4IF flag is set if the TIM_CC4IF flag was already high.
The current value of the counter is captured in TMRx_CCR4 register.
TIM_CC3G
[3]
W
Capture/Compare 3 Generation.
0: Does nothing.
1: If CC3 configured as output channel:
The TIM_CC3IF flag is set.
If CC3 configured as input channel:
The TIM_CC3IF flag is set.
The INT_TIMMISSCC3IF flag is set if the TIM_CC3IF flag was already high.
The current value of the counter is captured in TMRx_CCR3 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com