Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 153 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 153 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 149Page - Silicon Laboratories EM357-RTR Datasheet HTML 150Page - Silicon Laboratories EM357-RTR Datasheet HTML 151Page - Silicon Laboratories EM357-RTR Datasheet HTML 152Page - Silicon Laboratories EM357-RTR Datasheet HTML 153Page - Silicon Laboratories EM357-RTR Datasheet HTML 154Page - Silicon Laboratories EM357-RTR Datasheet HTML 155Page - Silicon Laboratories EM357-RTR Datasheet HTML 156Page - Silicon Laboratories EM357-RTR Datasheet HTML 157Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 241 page
background image
153
Rev 1.3
TIM1_CCMR1: Address: 0x4000E018 Reset: 0x0
TIM2_CCMR1: Address: 0x4000F018 Reset: 0x0
Timer channels can be programmed as inputs (capture mode) or outputs (compare mode). The direction of
channel y is defined by TIM_CCyS in this register.
The other bits in this register have different functions in input and in output modes. The TIM_OC* fields only apply
to a channel configured as an output (TIM_CCyS = 0), and the TIM_IC* fields only apply to a channel configured
as an input (TIM_CCyS > 0).
Register 9.5. TIMx_CCMR1
TIM1_CCMR1: Timer 1 Capture/Compare Mode Register 1
TIM2_CCMR1: Timer 2 Capture/Compare Mode Register 1
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
TIM_OC2M
TIM_OC2BE
TIM_OC2FE
TIM_CC2S
TIM_IC2F
TIM_IC2PSC
Bit
7
6
5
4
3
2
1
0
Name
0
TIM_OC1M
TIM_OC1BE
TIM_OC1FE
TIM_CC1S
TIM_IC1F
TIM_IC1PSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com