Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 155 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 155 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 151Page - Silicon Laboratories EM357-RTR Datasheet HTML 152Page - Silicon Laboratories EM357-RTR Datasheet HTML 153Page - Silicon Laboratories EM357-RTR Datasheet HTML 154Page - Silicon Laboratories EM357-RTR Datasheet HTML 155Page - Silicon Laboratories EM357-RTR Datasheet HTML 156Page - Silicon Laboratories EM357-RTR Datasheet HTML 157Page - Silicon Laboratories EM357-RTR Datasheet HTML 158Page - Silicon Laboratories EM357-RTR Datasheet HTML 159Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 241 page
background image
155
Rev 1.3
TIM_IC2F
[15:12]
RW
Input Capture 1 Filter. (Applies only if TIM_CC2S > 0.)
This defines the frequency used to sample the TI2 input, Fsampling, and
the length of the digital filter applied to TI2. The digital filter requires N con-
secutive samples in the same state before being output.
0000: Fsampling = PCLK, no filtering.
0001: Fsampling = PCLK, N = 2.
0010: Fsampling = PCLK, N = 4.
0011: Fsampling = PCLK, N = 8.
0100: Fsampling = PCLK/2, N = 6.
0101: Fsampling = PCLK/2, N = 8.
0110: Fsampling = PCLK/4, N = 6.
0111: Fsampling = PCLK/4, N = 8.
1000: Fsampling = PCLK/8, N = 6.
1001: Fsampling = PCLK/8, N = 8.
1010: Fsampling = PCLK/16, N = 5.
1011: Fsampling = PCLK/16, N = 6.
1100: Fsampling = PCLK/16, N = 8.
1101: Fsampling = PCLK/32, N = 5.
1110: Fsampling = PCLK/32, N = 6.
1111: Fsampling = PCLK/32, N = 8.
Note:
PCLK is 12 MHz when using the 24 MHz crystal oscillator, and 6 MHz using
the 12 MHz RC oscillator.
TIM_IC2PSC
[11:10]
RW
Input Capture 1 Prescaler. (Applies only if TIM_CC2S > 0.)
00: No prescaling, capture each time an edge is detected on the capture
input.
01: Capture once every 2 events.
10: Capture once every 4 events.
11: Capture once every 8 events.
TIM_CC2S
[9:8]
RW
Capture / Compare 2 Selection.
This configures the channel as an output or an input. If an input, it selects
the input source.
00: Channel is an output.
01: Channel is an input and is mapped to TI2.
10: Channel is an input and is mapped to TI1.
11: Channel is an input and is mapped to TRGI. This mode requires an
internal trigger input selected by the TIM_TS bit in the TIMx_SMCR regis-
ter.
Note:
TIM_CC2S may be written only when the channel is off (TIM_CC2E = 0 in
the TIMx_CCER register).
TIM_OC1M
[6:4]
RW
Output Compare 1 Mode. (Applies only if TIM_CC1S = 0.)
See TIM_OC2M description above.
TIM_OC1BE
[3
RW
Output Compare 1 Buffer Enable. (Applies only if TIM_CC1S = 0.)
See TIM_OC2BE description above.
TIM_OC1FE
[2]
RW
Output Compare 1 Fast Enable. (Applies only if TIM_CC1S = 0.)
See TIM_OC2FE description above.
Bitname
Bitfield
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com