Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL35K120L1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGIPL35K120L1
Description  Active Miller clamp feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIPL35K120L1 Datasheet HTML 5Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 6Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 7Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 8Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 10Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 11Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 12Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STGIPL35K120L1
Electrical characteristics
Doc ID 022751 Rev 4
9/19
3.1
Control part
TA = - 20 to 125 °C, VH = 16 V (unless otherwise specified).
Note:
X: don’t care
Table 8.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
tonmin
Minimum pulse width
100
135
220
ns
Iinp
IN input current
1µA
Voltage reference (1)
Vref
Voltage reference
Tmin < T < Tmax
4.77
5.22
V
Iref
Maximum output current
10
mA
Fault output
tfault
Delay for fault detection
500
ns
VFL
FAULT low voltage
IFLsink = 10 mA
1
V
Under voltage lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
UVLOH-UVLOL
0.5
1
V
Supply current
Iin
Quiescent current
Output = 0 V, no load
5
mA
1.
Recommended capacitor range on VREF pin is 10 nF to 100 nF.
Table 9.
Truth table
Condition
Logic input (VI)
Output
LIN
HIN
Low side gate
driver output
High side gate
driver output
0 ‘’logic state”
half-bridge tri-state
HH
L
L
1 “logic state”
low side direct driving
LH
H
L
1 “logic state”
high side direct driving
HL
L
H
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com