Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL35K120L1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPL35K120L1
Description  Active Miller clamp feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPL35K120L1 Datasheet HTML 7Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 8Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 10Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 11Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 12Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 13Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 14Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STGIPL35K120L1
Electrical characteristics
Doc ID 022751 Rev 4
11/19
3.2
Recommendations
●
As the IPM may be used in a very noisy environment, care should be taken to decouple
the supplies. Small ceramic capacitors, connected inside the IPM as close as possible
to the gate driver pins, are used to improve noise-withstand capability.
●
The IPM is compatible with both pulse transformers or optocouplers. When using an
optocoupler, the IN input must be limited to approximately 5 V. The pull-up resistor to
VH must be between 5 kΩ and 20 kΩ, depending on optocoupler characteristics. An
optional filtering capacitor can be added in the event of a highly noisy environment,
although the IPM already includes a filtering on input signals and rejects signals
smaller than 100 ns (tONMIN specification).
●
When using a pulse transformer, a 2.5 V reference point can be built from the 5 V VREF
pin with a resistor divider. The capacitor between the VREF pin and the resistor divider
middle point provides decoupling of the 2.5 V reference, and also ensures a high level
on the IN input pin at power-up to start the IPM in OFF state. The waveform from the
pulse transformer must comply with the tONMIN and VtON / VtOFF specifications. To turn
ON the IPM outputs, the input signal must be lower than 0.8 V for at least 220 ns.
Conversely, the input signal must be higher than 4.2 V for at least 200 ns to turn OFF
the outputs. A pulse width of about 500 ns at these threshold levels is recommended. In
all cases, the input signal at the IN pin must be between 0 and 5 V.
●
To prevent the input signals oscillation, the wiring of each input should be as short as
possible.
●
Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitor mounted close to the module
pins will further improve performance.
●
When setting the maximum voltage to be applied between P-N, the internal stray
inductance and the maximum di/dt should be considered. Due to both internal and
layout stray inductances, the di/dt results in a voltage surges between the DC-link
capacitor and the switches during commutations.
●
FAULT pin is externally available to provide a feedback signal about IPM status. Please
refer to undervoltage protection and desaturation fault timing diagrams for more
information. Fault output signals the undervoltage state and is reset only when
undervoltage state disappears. When a desaturation event occurs, the fault output is
pulled down and IPM outputs are low (IGBT off) until the IN input signal is released
(high level), then activated again (low level).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com