Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL35K120L1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPL35K120L1
Description  Active Miller clamp feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 10Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 11Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 12Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 13Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 14Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 15Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 16Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STGIPL35K120L1
Functional description
Doc ID 022751 Rev 4
13/19
4.4
Active Miller clamp
A Miller clamp allows the control of the Miller current during a high dV/dt situation and can
avoid the use of a negative supply voltage.
During turn-off, the gate voltage is monitored and the clamp output is activated when gate
voltage goes below 2 V (relative to GND). The clamp is disabled when the IN input is
triggered again.
4.5
Fault status output
Fault output is used to signal a fault event (desaturation, UVLO) to a controller. The fault pin
is designed to drive an optocoupler.
4.6
Undervoltage protection
Undervoltage detection protects the application in the event of a low VH supply voltage
(during start-up or a fault situation). Fault output signals the undervoltage state and is reset
only when undervoltage state disappears.
Figure 8.
Undervoltage protection
VH
OUT
2V
UVH
UVL
FAULT
VH-Hmin
AM17097v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com