Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPN2M50T-H Datasheet(PDF) 15 Page - STMicroelectronics

Part # STIPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STIPN2M50T-H Datasheet HTML 11Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 12Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 13Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 14Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STIPN2M50T-H
Smart shutdown function
DocID028651 Rev 5
15/25
4
Smart shutdown function
The device integrates a comparator for fault sensing purposes. The comparator has an
internal voltage reference VREF connected to the inverting input, while the non-inverting
input on pin (CIN) can be connected to an external shunt resistor for the overcurrent
protection.
When the comparator triggers, the device is set to the shutdown state and both of its
outputs are set to low level, causing the half-bridge to enter a tri-state.
In common overcurrent protection architectures, the comparator output is usually
connected to the shutdown input through an RC network so to provide a mono-stable
circuit which implements a protection time following to a fault condition.
Our smart shutdown architecture immediately turns off the output gate driver in case of
overcurrent through a preferential path for the fault signal which directly switches off the
outputs. The time delay between the fault and output shutdown no longer depends on the
RC values of the external network connected to the shutdown pin. At the same time, the
DMOS connected to the open-drain output (pin T/
SD
̅̅̅̅/OD) is turned on by the internal logic,
which holds it on until the shutdown voltage is well below the minimum value of logic input
threshold (Vil).
Besides, the smart shutdown function allows the real disable time to be increased without
rising the constant time of the external RC network.
An NTC thermistor for temperature monitoring is internally connected in parallel to the
SD
̅̅̅̅
pin. To avoid undesired shutdown, keep the voltage
��������/��������
̅̅̅̅/�������� higher than the high-level
logic threshold by setting the pull-up resistor
������������
̅̅̅̅ to 1 kΩ or 2.2 kΩ for 3.3 V or 5 V MCU
power supplies, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com