Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPN2M50T-H Datasheet(PDF) 18 Page - STMicroelectronics

Part # STIPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STIPN2M50T-H Datasheet HTML 14Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 19Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 20Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 21Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application circuit example
STIPN2M50T-H
18/25
DocID028651 Rev 5
5.1
Guidelines
Input signals HIN, LIN are active high logic. A 37
5 kΩ (typ.) pull-down resistor is built-
in for each input. To prevent input signal oscillations, the wiring of each input should
be as short as possible and the use of RC filters (R1, C1) on each input signal is
suggested. The filters should be with a time constant of about 100 ns and placed as
close as possible to the IPM input pins.
The use of a bypass capacitor CVCC (aluminum or tantalum) can help to reduce the
transient circuit demand on the power supply. Besides, to reduce high frequency
switching noise distributed on the power lines, a decoupling capacitor C2 (100 to 220
nF, with low ESR and low ESL) should be placed as close as possible to Vcc pin and in
parallel whit the bypass capacitor.
The use of RC filter (RSF, CSF) for circuit malfunction protection is recommended.
The time constant (RSF x CSF) should be set to 1 μs and the filter must be placed as
close as possible to the CIN pin.
The
SD
̅̅̅̅ is an input/output pin (open-drain type if used as output). A built-in thermistor
NTC is internally connected between the
SD
̅̅̅̅ pin and GND. The voltage VSD-GND
decreases as the temperature increases, due to the pull-up resistor RSD. In order to
keep the voltage always higher than the high level logic threshold, the pull-up resistor
is suggested to be set to 1 kΩ or 2.2 kΩ for 3.3 V or 5 V MCU power supply,
respectively. The CSD capacitor of the filter on
SD
̅̅̅̅ should be fixed no higher than 3.3
nF in order to assure a
SD
̅̅̅̅ activation time Ƭ
1
<= 500 ns and the filter should be placed
as close as possible to the
SD
̅̅̅̅ pin.
The decoupling capacitor C3 (from 100 to 220 nF, ceramic with low ESR and low
ESL), in parallel with each Cboot, filters high frequency disturbance. Both Cboot and C3
(if present) should be placed as close as possible to the U, V, W and Vboot pins.
Bootstrap negative electrodes should be connected to U, V, W terminals directly and
separated from the main output wires.
To prevent the overvoltage on Vcc pin, a Zener diode (Dz1) can be used. Similarly on
the Vboot pin, a Zener diode (Dz2) can be placed in parallel with each Cboot.
The use of the decoupling capacitor C4 (100 to 220 nF, with low ESR and low ESL) in
parallel with the electrolytic capacitor Cvdc is useful to prevent surge destruction. Both
capacitors C4 and Cvdc should be placed as close as possible to the IPM (C4 has
priority over Cvdc).
By integrating an application-specific type HVIC inside the module, direct coupling to
the MCU terminals without an optocoupler is possible.
Use low inductance shunt resistors for phase leg current sensing.
In order to avoid malfunctions, the wiring on N pins, the shunt resistor and PWR_GND
should be as short as possible.
The connection of SGN_GND to PWR_GND to one point only (close to the shunt
resistor terminal) can help to reduce the impact of power ground fluctuation.
These guidelines ensure the specifications of the device for application designs. For further
details, please refer to the relevant application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com