Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPN2M50T-H Datasheet(PDF) 19 Page - STMicroelectronics

Part # STIPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STIPN2M50T-H Datasheet HTML 15Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 16Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 19Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 20Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 21Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 22Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STIPN2M50T-H
Application circuit example
DocID028651 Rev 5
19/25
Table 15: Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPN
Supply voltage
Applied among P-Nu, Nv,
Nw
300
400
V
VCC
Control supply voltage
Applied to VCC-GND
13.5
15
18
V
VBS
High-side bias voltage
Applied to VBOOTi-OUTi for
i = U, V, W
13
18
V
tdead
Blanking time to prevent arm-
short
For each input signal
1
µs
fPWM
PWM input signal
-40 °C < Tc < 100 °C
-40 °C < Tj < 125 °C
25
kHz
TC
Case operation temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com