Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL4N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL4N10F7
Description  N-channel enhancement mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL4N10F7 Datasheet HTML 1Page - STMicroelectronics STL4N10F7 Datasheet HTML 2Page - STMicroelectronics STL4N10F7 Datasheet HTML 3Page - STMicroelectronics STL4N10F7 Datasheet HTML 4Page - STMicroelectronics STL4N10F7 Datasheet HTML 5Page - STMicroelectronics STL4N10F7 Datasheet HTML 6Page - STMicroelectronics STL4N10F7 Datasheet HTML 7Page - STMicroelectronics STL4N10F7 Datasheet HTML 8Page - STMicroelectronics STL4N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
March 2014
DocID023898 Rev 4
1/14
STL4N10F7
N-channel 100 V, 0.062
Ω typ., 4.5 A STripFET™ VII DeepGATE™
Power MOSFET in a PowerFLAT™ 3.3x3.3 package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• N-channel enhancement mode
• Lower R
DS(on)
x area vs previous generation
• 100% avalanche rated
Applications
• Switching applications
Description
This device utilizes the 7
th
generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest R
DS(on)
in all
packages.
PowerFLAT™ 3.3x3.3
1
2
3
4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
8
12
3
4
7
6
5
AM15810v1
Order code
VDS
RDS(on) max
ID
STL4N10F7
100 V
0.07
Ω
4.5 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STL4N10F7
4N1F7
PowerFLAT™ 3.3x3.3
Tape and reel
www.st.com


Similar Part No. - STL4N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL4N80K5 STMICROELECTRONICS-STL4N80K5 Datasheet
955Kb / 17P
Ultra low gate charge
14-May-2015
More results

Similar Description - STL4N10F7

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com