Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL4N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL4N10F7
Description  N-channel enhancement mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STL4N10F7 Datasheet HTML 1Page - STMicroelectronics STL4N10F7 Datasheet HTML 2Page - STMicroelectronics STL4N10F7 Datasheet HTML 3Page - STMicroelectronics STL4N10F7 Datasheet HTML 4Page - STMicroelectronics STL4N10F7 Datasheet HTML 5Page - STMicroelectronics STL4N10F7 Datasheet HTML 6Page - STMicroelectronics STL4N10F7 Datasheet HTML 7Page - STMicroelectronics STL4N10F7 Datasheet HTML 8Page - STMicroelectronics STL4N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID023898 Rev 4
3/14
STL4N10F7
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage (V
GS
= 0)
100
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
The value is rated according R
thj-amb
Drain current (continuous) at T
amb
= 25 °C
4.5
A
I
D
(1)
Drain current (continuous) at T
amb
=100 °C
3.2
A
I
DM
(1)(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
18
A
I
D
(3)
3.
This value is rated according to R
thj-case
Drain current (continuous) at T
c
= 25 °C
18
A
I
D
(3)
Drain current (continuous) at T
c
= 100 °C
11.25
A
I
DM
(2)(3)
Drain current (pulsed)
72
A
P
TOT
(3)
Total dissipation at T
C
= 25 °C
50
W
P
TOT
(1)
Total dissipation at T
amb
= 25 °C
2.9
W
T
J
Operating junction temperature
-55 to 150
°C
T
stg
Storage temperature
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case
2.50
°C/W
R
thj-amb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10sec
Thermal resistance junction-amb
42.8
°C/W
R
thj-amb
(2)
2.
When mounted on FR-4 board of 1inch², 2oz Cu, steady state
Thermal resistance junction-amb
63.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com