Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL4N10F7 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL4N10F7
Description  N-channel enhancement mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4N10F7 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL4N10F7 Datasheet HTML 6Page - STMicroelectronics STL4N10F7 Datasheet HTML 7Page - STMicroelectronics STL4N10F7 Datasheet HTML 8Page - STMicroelectronics STL4N10F7 Datasheet HTML 9Page - STMicroelectronics STL4N10F7 Datasheet HTML 10Page - STMicroelectronics STL4N10F7 Datasheet HTML 11Page - STMicroelectronics STL4N10F7 Datasheet HTML 12Page - STMicroelectronics STL4N10F7 Datasheet HTML 13Page - STMicroelectronics STL4N10F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID023898 Rev 4
13/14
STL4N10F7
Revision history
14
5
Revision history
Table 9. Document revision history
Date
Revision
Changes
10-Jul-2013
1
First release.
21-Jan-2014
2
– Inserted
Section 2.1: Electrical characteristics (curves).
– Document status promoted form preliminary to production data.
19-Feb-2014
3
– Added: I
D
(at T
C
=25 °C and 125 °C), I
DM
and P
TOT
in
Table 2
– Modified:
Figure 2 and 3
– Minor text changes
10-Mar-2014
4
– Modified: marking in
Table 1
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com