Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87351 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87351
Description  PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87351 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87351 Datasheet HTML 44Page - National Semiconductor (TI) PC87351 Datasheet HTML 45Page - National Semiconductor (TI) PC87351 Datasheet HTML 46Page - National Semiconductor (TI) PC87351 Datasheet HTML 47Page - National Semiconductor (TI) PC87351 Datasheet HTML 48Page - National Semiconductor (TI) PC87351 Datasheet HTML 49Page - National Semiconductor (TI) PC87351 Datasheet HTML 50Page - National Semiconductor (TI) PC87351 Datasheet HTML 51Page - National Semiconductor (TI) PC87351 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
2.0 Device Architecture and Configuration (Continued)
48
www.national.com
2.12.5
GPIO Pin Configuration Access Register
This register reflects, for both read and write, the register currently selected by the GPIO Pin Configuration Select Register.
All the configuration registers that are accessed via this register have a common bit structure, as shown below. This register
is reset by hardware to 44h.
Location:
Index F1h
Type:
R/W
Bit
76543210
Name
Reserved
IRQ
Debounce
Enable
IRQ Polarity IRQ Type
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
01000100
Bit
Description
7
Reserved
6
IRQ Debounce Enable
0: Disabled
1: Enabled (default)
5
IRQ Polarity. This bit defines the polarity of the signal that issues an interrupt from the corresponding GPIO pin
(falling/low or rising/high).
0: Falling edge or low level input (default)
1: Rising edge or high level input
4
IRQ Type. This bit defines the signal type that issues an interrupt from the corresponding GPIO pin.
0: Edge input (default)
1: Level input
3
Lock. This bit locks the corresponding GPIO pin. Once this bit is set to 1 by software, it can only be cleared to
0 by system reset or power-off. Pin multiplexing is functional until the Multiplexing Lock bit is 1 (bit 7 of SuperI/O
Configuration 3 Register, SIOCF3).
0: No effect (default)
1: Direction, output type, pull-up and output value locked
2
Pull-Up Control. This bit is used to enable/disable the internal pull-up capability of the corresponding GPIO pin.
It supports open-drain output signals with internal pull-ups and TTL input signals
0: Disabled
1: Enabled (default)
1
Output Type. This bit controls the output buffer type (open-drain or push-pull) of the corresponding GPIO pin.
0: Open-drain (default)
1: Push-pull
0
Output Enable. This bit indicates the GPIO pin output state. It has no effect on input.
0: TRI-STATE (default)
1: Output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com