Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87351 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87351
Description  PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87351 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87351 Datasheet HTML 17Page - National Semiconductor (TI) PC87351 Datasheet HTML 18Page - National Semiconductor (TI) PC87351 Datasheet HTML 19Page - National Semiconductor (TI) PC87351 Datasheet HTML 20Page - National Semiconductor (TI) PC87351 Datasheet HTML 21Page - National Semiconductor (TI) PC87351 Datasheet HTML 22Page - National Semiconductor (TI) PC87351 Datasheet HTML 23Page - National Semiconductor (TI) PC87351 Datasheet HTML 24Page - National Semiconductor (TI) PC87351 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
1.0 Signal/Pin Connection and Description (Continued)
21
www.national.com
1.4.7
Keyboard and Mouse Controller (KBC)
Signal
Pin/s
I/O
Buffer Type
Description
GA20
99
I/O
INTS/OD4
Gate A20. KBC gate A20 (P21) output.
KBCLK
100
I/O
INTS/OD4
Keyboard Clock. Transfers the keyboard clock between the SuperI/O chip
and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P26 signal, and is
connected internally to the T0 signal of the KBC. External pull-up resistor
to 5V is required (for PS/2 compliance). The pin is monitored for wake-up
event detection. However, to enable the activity during power off, it must be
pulled up to Keyboard and Mouse standby voltage.
KBDAT
101
I/O
INTS/OD4
Keyboard Data. Transfers the keyboard data between the SuperI/O chip
and the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P27 signal, and is
connected internally to KBC P10. External pull-up resistor to 5V is required
(for PS/2 compliance). The pin is monitored for wake-up event detection.
To enable the activity, it must be pulled up to Keyboard and Mouse standby
voltage.
KBRST
98
I/O
INTS/OD4
KBD Reset. Keyboard Reset (P20) output.
MCLK
102
I/O
INTS/OD4
Mouse Clock. Transfers the mouse clock between the SuperI/O chip and
the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P23 signal, and is
connected internally to KBC’s T1. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up event
detection. To enable the activity, it must be pulled up to Keyboard and
Mouse standby voltage.
MDAT
103
I/O
INTS/OD4
Mouse Data. Transfers the mouse data between the SuperI/O chip and
the external keyboard using the PS/2 protocol.
This pin is driven by the internal, inverted KBC P22 signal, and is
connected internally to KBC’s P11. External pull-up resistor to 5V is
required (for PS/2 compliance). The pin is monitored for wake-up event
detection. To enable the activity, it must be pulled up to Keyboard and
Mouse standby voltage.
P12
42, 98,
127
I/O
INTS/OD4
I/O Port. KBC open-drain signal for general-purpose input and output,
controlled by KBC firmware.
P17
41, 42,
128
I/O
INTS/OD4
I/O Port. KBC open-drain signal for general-purpose input and output,
controlled by KBC firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com