Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87351 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87351
Description  PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87351 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87351 Datasheet HTML 14Page - National Semiconductor (TI) PC87351 Datasheet HTML 15Page - National Semiconductor (TI) PC87351 Datasheet HTML 16Page - National Semiconductor (TI) PC87351 Datasheet HTML 17Page - National Semiconductor (TI) PC87351 Datasheet HTML 18Page - National Semiconductor (TI) PC87351 Datasheet HTML 19Page - National Semiconductor (TI) PC87351 Datasheet HTML 20Page - National Semiconductor (TI) PC87351 Datasheet HTML 21Page - National Semiconductor (TI) PC87351 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
1.0 Signal/Pin Connection and Description (Continued)
18
www.national.com
Signal
Pin/s
I/O
Buffer Type
Description
DENSEL
74
O
O4/24
Density Select. Indicates that a high FDC density data rate (500 Kbps or 1
Mbps) or a low density data rate (250 or 300 Kbps) is selected. DENSEL
polarity is controlled by bit 5 of the FDC Configuration Register.
94
This pin provides an additional density select signal in PPM mode when
PNF = 0.
DIR
67
O
OD24-O4/24
Direction. Determines the direction of the Floppy Disk Drive (FDD) head
movement (active = step in, inactive = step out) during a seek operation.
During reads or writes, DIR is inactive.
90
This pin provides an additional direction signal in PPM mode when
PNF = 0.
DR0
69
O
OD24-O4/24
Drive Select 0. Decoded drive select output signal. DR0 is controlled by
Digital Output Register (DOR) bit 0.
DR1
70
O
OD24-O4/24
Drive Select 1. Decoded drive select output signal. DR1 is controlled by
Digital Output Register (DOR) bit 1.
80
This pin provides an additional drive select 1 signal in PPM mode when
PNF = 0.
DRATE0
73
O
O6/12
Data Rate 0. Reflects the value of bit 0 of the Configuration Control
Register (CCR) or the Data Rate Select Register (DSR), whichever was
written to last. Output from the pin is totem-pole buffered.
82
This pin provides an additional FDC data rate signal in PPM mode, when
PNF = 0.
DSKCHG
59
I
INT
Disk Change. Indicates if the drive door has been opened. The state of this
pin is stored in the Digital Input Register (DIR). This pin can also be
configured as the RGATE data separator diagnostic input signal via the MODE
command.
84
This pin provides an additional FDC Disk Change signal in PPM Mode
when PNF = 0.
HDSEL
60
O
OD24, O4/24
Head Select. Determines which side of the FDD is accessed. Active low
selects side 1, inactive selects side 0.
92
This pin provides an additional head select signal in PPM mode when
PNF = 0.
INDEX
72
I
INT
Index. Indicates the beginning of an FDD track.
93
This pin provides an additional index signal in PPM mode when PNF = 0.
MSEN0,
MSEN1
82,
80
IINT
Media Sense Signals 0 and 1. Provide media sense signals only in PPM
mode when PNF = 0.
MTR0
71
O
OD24, O4/24
Motor Select 0. Active low, motor enable line for drive 0, controlled by bits
D7-4 of the Digital Output Register (DOR).
This signal is not available on the PPM, assuming that the external FDD is
either drive 1 or 3.
MTR1
68
O
OD24, O4/24
Motor Select 1. Active low, motor enable line for drive 1, controlled by bits
D7-4 of the Digital Output Register (DOR).
79
This pin provides an additional motor select 1 signal in PPM mode when
PNF = 0. This pin is the motor enable line for drive 1 or drive 0, according
to the TDR Register.
RDATA61
I
INT
Read Data. Raw serial input data stream read from the FDD.
87
This pin provides an additional read data signal in PPM mode when PNF = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com