Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT853 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54ABT853
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT853 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ABT853_17 Datasheet HTML 1Page - Texas Instruments SN54ABT853_17 Datasheet HTML 2Page - Texas Instruments SN54ABT853_17 Datasheet HTML 3Page - Texas Instruments SN54ABT853_17 Datasheet HTML 4Page - Texas Instruments SN54ABT853_17 Datasheet HTML 5Page - Texas Instruments SN54ABT853_17 Datasheet HTML 6Page - Texas Instruments SN54ABT853_17 Datasheet HTML 7Page - Texas Instruments SN54ABT853_17 Datasheet HTML 8Page - Texas Instruments SN54ABT853_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The SN54ABT853 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ABT853 is characterized for operation from −40°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS AND I/Os
OEB
OEA
CLR
LE
Ai
Σ OF H
Bi†
Σ OF H
A
B
PARITY
ERR‡
FUNCTION
L
H
X
X
Odd
NA
NA
A
L
NA
A data to B bus and
L
HX
X
Even
NA
NA
A
H
NA
A data to B bus and
generate parity
H
L
X
L
NA
Odd
B
NA
NA
H
B data to A bus and
H
LXL
NA
Even
B
NA
NA
L
B data to A bus and
check parity
H
L
H
H
NA
X
X
NA
NA
NC
Store error flag
X
X
L
H
X
X
X
NA
NA
H
Clear error flag register
H
H
X
NC
H
H
LH
X
X
Z
Z
Z
H
Isolation§
H
H
X
L
L Odd
XZ
ZZ
H
Isolation§
(parity check)
X
L
H Even
L
(p
y
)
L
L
X
X
Odd
NA
NA
A
H
NA
A data to B bus and
L
L
X
X
Even
NA
NA
A
L
NA
A data to B bus and
generate inverted parity
NA = not applicable, NC = no change, X = don’t care
† Summation of high-level inputs includes PARITY along with Bi inputs.
‡ Output states shown assume ERR was previously high.
§ In this mode, ERR (when clocked) shows inverted parity of the A bus.
logic symbol
ERR
CLR
OEA
OEB
CLR
11
1
2
A1
3
A2
4
A3
5
A4
10
PARITY
15
PARITY
B5
19
B6
18
B7
17
B8
16
8
OEA
1
OEB
14
6
A5
7
A6
8
A7
8
9
A8
B1
23
1
B2
22
B3
21
B4
20
ERR
Φ
A Bus
B Bus
LE
LE
13
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the DB, DW, JT, NT, PW, and W packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com