Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT853 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABT853
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT853 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ABT853_17 Datasheet HTML 2Page - Texas Instruments SN54ABT853_17 Datasheet HTML 3Page - Texas Instruments SN54ABT853_17 Datasheet HTML 4Page - Texas Instruments SN54ABT853_17 Datasheet HTML 5Page - Texas Instruments SN54ABT853_17 Datasheet HTML 6Page - Texas Instruments SN54ABT853_17 Datasheet HTML 7Page - Texas Instruments SN54ABT853_17 Datasheet HTML 8Page - Texas Instruments SN54ABT853_17 Datasheet HTML 9Page - Texas Instruments SN54ABT853_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
2.5
V
All outputs
VCC = 5 V,
IOH = −3 mA
3
3
3
V
VOH
All outputs
except ERR
V
45 V
IOH = −24 mA
2
2
V
VCC = 4.5 V
IOH = −32 mA
2*
2
V
V
45 V
IOL = 24 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
IOH
ERR
VCC = 4.5 V,
VOH = 5.5 V
50
50
50
μA
I
Control inputs
V
55 V
V
V
or GND
±1
±1
±1
A
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±100
±100
±100
μA
IOZPU‡
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OEA or OEB = X
±50
±50
±50
μA
IOZPD‡
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OEA or OEB = X
±50
±50
±50
μA
IOZH§
VCC = 5.5 V, For control input affecting
output under test VIH = 2.0 V or VIL = 0.8 V,
VO = 2.7 V
10
10
10
μA
IOZL§
VCC = 5.5 V, For control input affecting
output under test VIH = 2.0 V or VIL = 0.8 V,
VO = 0.5 V
−10
−10
−10
μA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
μA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
μA
IO¶
VCC = 5.5 V,
VO = 2.5 V
−50
−100 −200#
−50 −200#
−50 −200#
mA
VCC = 5.5 V,
Outputs high
1
250
450
250
μA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
24
38
38
38
mA
ICC
A or B ports
IO 0,
VI = VCC or GND
Outputs disabled
0.5
250
450
250
μA
Data inp ts
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
mA
ΔICC||
Data inputs
One input at 3.4 V,
Other inputs at
VCC or GND
Outputs disabled
50
50
50
μA
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs VI = 2.5 V or 0.5 V
4.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
10.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ This parameter is characterized, but not production tested.
§ The parameters IOZH and IOZL include the input leakage current.
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This data sheet limit can vary among suppliers.
|| This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com