Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT853 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ABT853
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT853 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ABT853_17 Datasheet HTML 1Page - Texas Instruments SN54ABT853_17 Datasheet HTML 2Page - Texas Instruments SN54ABT853_17 Datasheet HTML 3Page - Texas Instruments SN54ABT853_17 Datasheet HTML 4Page - Texas Instruments SN54ABT853_17 Datasheet HTML 5Page - Texas Instruments SN54ABT853_17 Datasheet HTML 6Page - Texas Instruments SN54ABT853_17 Datasheet HTML 7Page - Texas Instruments SN54ABT853_17 Datasheet HTML 8Page - Texas Instruments SN54ABT853_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D Typical VOLP (Output Ground Bounce)
< 1 V at VCC = 5 V, TA = 25°C
D High-Drive Outputs (−32-mA IOH, 64-mA IOL)
D High-Impedance State During Power Up
and Power Down
D Parity-Error Flag With Parity
Generator/Checker
D Latch for Storage of Parity-Error Flag
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Ceramic Flat (W) Package, and Plastic (NT)
and Ceramic (JT) DIPs
description
The ’ABT853 8-bit to 9-bit parity transceivers are
designed for communication between data buses.
When data is transmitted from the A bus to the
B bus, a parity bit is generated. When data is
transmitted from the B bus to the A bus with its
corresponding parity bit, the open-collector
parity-error (ERR) output indicates whether or not
an error in the B data has occurred. The
output-enable (OEA and OEB) inputs can be used
to disable the device so that the buses are
effectively isolated. The ’ABT853 transceivers
provide true data at their outputs.
A 9-bit parity generator/checker generates a parity-odd (PARITY) output and monitors the parity of the I/O ports
with the ERR flag. The parity-error output can be passed, sampled, stored, or cleared from the latch using the
latch-enable (LE) and clear (CLR) control inputs. When both OEA and OEB are low, data is transferred from
the A bus to the B bus and inverted parity is generated. Inverted parity is a forced error condition that gives the
designer more system diagnostic capability.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Copyright © 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OEA
A1
A2
A3
A4
A5
A6
A7
A8
ERR
CLR
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
PARITY
OEB
LE
SN54ABT853 . . . JT OR W PACKAGE
SN74ABT853 . . . DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
B3
B4
B5
NC
B6
B7
B8
A3
A4
A5
NC
A6
A7
A8
426
14 15 16 17 18
SN54ABT853 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - SN54ABT853_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT853FK TI-SN54ABT853FK Datasheet
141Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853JT TI-SN54ABT853JT Datasheet
141Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853W TI-SN54ABT853W Datasheet
141Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Similar Description - SN54ABT853_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com