Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6221 Datasheet HTML 2Page - STMicroelectronics L6221 Datasheet HTML 3Page - STMicroelectronics L6221 Datasheet HTML 4Page - STMicroelectronics L6221 Datasheet HTML 5Page - STMicroelectronics L6221 Datasheet HTML 6Page - STMicroelectronics L6221 Datasheet HTML 7Page - STMicroelectronics L6221 Datasheet HTML 8Page - STMicroelectronics L6221 Datasheet HTML 9Page - STMicroelectronics L6221 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute maximum ratings
6/22
3
Absolute maximum ratings
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vo
Output voltage
50
V
Vs
Logic supply voltage
7
V
VIN, VEN
Input voltage, enable voltage
VS
IC
Continuous collector current (for each channel)
1.8
A
IC
Collector peak current (repetitive, duty cycle = 10% ton = 5 ms)
2.5
A
IC
Collector peak current (non repetitive, t = 10
μ s)
3.2
A
Top
Operating temperature range (junction)
-40 to +150
°C
Tstg
Storage temperature range
-55 to +150
°C
Isub
Output substrate current
350
mA
Ptot
Total power dissipation at:
Tpins = 90 ° C (Power DIP)
Tcase = 90°C (SO20)
Tamb = 70 ° C (Power DIP)
Tamb = 70°C (SO20)
4.3
3.5
1
1
W
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com