Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6221 Datasheet HTML 10Page - STMicroelectronics L6221 Datasheet HTML 11Page - STMicroelectronics L6221 Datasheet HTML 12Page - STMicroelectronics L6221 Datasheet HTML 13Page - STMicroelectronics L6221 Datasheet HTML 14Page - STMicroelectronics L6221 Datasheet HTML 15Page - STMicroelectronics L6221 Datasheet HTML 16Page - STMicroelectronics L6221 Datasheet HTML 17Page - STMicroelectronics L6221 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application information
14/22
6
Application information
When inductive loads are driven by the L6221, a Zener diode in series with the integral free-
wheeling diodes increases the voltage across which energy stored in the load is discharged
and therefore speeds the current decay (
Figure 19).
For reliability it is suggested that the Zener is chosen so that
There are two reasons for this:
●
The Zener voltage changes in temperature and current.
●
The instantaneous power must be limited to avoid the reverse second breakdown.
Figure 19.
Free-wheeling diode connection when driving inductive loads
Care must be taken to ensure that the collectors are placed close together to avoid different
current partitioning at turn-off.
It is suggested to put in parallel channel 1 and 4 and channel 2 and 3 as shown in
Figure 20
for the similar electrical characteristics of the logic section (turn-on and turn-off delay time)
and the power stages (collector saturation voltage, free-wheeling diode forward voltage).
Vp Vz 35 V
<
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com