Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6221 Datasheet HTML 13Page - STMicroelectronics L6221 Datasheet HTML 14Page - STMicroelectronics L6221 Datasheet HTML 15Page - STMicroelectronics L6221 Datasheet HTML 16Page - STMicroelectronics L6221 Datasheet HTML 17Page - STMicroelectronics L6221 Datasheet HTML 18Page - STMicroelectronics L6221 Datasheet HTML 19Page - STMicroelectronics L6221 Datasheet HTML 20Page - STMicroelectronics L6221 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Mounting instructions
17/22
Figure 25 shows the maximum dissipable power Ptot and the Rth j-amb as a function of the
side "
α" of two equal square copper areas having a thickness of 35 µm (1.4 mils). During
soldering the pins temperature must not exceed 260 °C and the soldering time must not be
longer than 12 seconds.
The external heat sink or printed circuit copper area must be connected to electrical ground.
Figure 25.
Maximum dissipable power and junction-to-ambient thermal resistance
versus side "
α"
Figure 26.
Maximum allowable power dissipation versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com