Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499ETR Datasheet(PDF) 9 Page - STMicroelectronics

Part # START499ETR
Description  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics START499ETR Datasheet HTML 10Page - STMicroelectronics START499ETR Datasheet HTML 11Page - STMicroelectronics START499ETR Datasheet HTML 12Page - STMicroelectronics START499ETR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
START499ETR
Common emitter S-parameters
9/14
6
Common emitter S-parameters
VCE = 2 V, IC = 200 mA
Table 9.
Common emitter S-parameters
Freq (MHz)
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
0.1
0.669
-158
65.164
124
0.008
47
0.635
-107
0.5
0.778
-179
15.773
105
0.013
81
0.589
-164
0.9
0.781
174
8.622
107
0.021
119
0.600
-174
1
0.780
173
7.535
109
0.021
134
0.598
-176
1.5
0.782
167
5.203
120
0.061
160
0.600
180
1.8
0.764
162
4.229
122
0.062
171
0.605
177
2
0.765
159
3.896
125
0.090
173
0.600
176
2.5
0.725
153
3.150
131
0.132
179
0.590
174
3
0.687
148
2.364
138
0.152
170
0.575
171
3.5
0.662
142
1.806
152
0.211
161
0.569
167
4
0.677
139
1.558
165
0.263
154
0.586
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com