Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499ETR Datasheet(PDF) 1 Page - STMicroelectronics

Part # START499ETR
Description  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR Datasheet(HTML) 1 Page - STMicroelectronics

  START499ETR Datasheet HTML 1Page - STMicroelectronics START499ETR Datasheet HTML 2Page - STMicroelectronics START499ETR Datasheet HTML 3Page - STMicroelectronics START499ETR Datasheet HTML 4Page - STMicroelectronics START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2008
Rev 1
1/14
14
START499ETR
NPN RF silicon transistor
Features
High efficiency
High gain
Linear and non linear operation
Transition frequency 42 GHz
Ultra miniature SOT-343 (SC70) lead free
package
Applications
PA for dect or PHS
PA stage for wireless LAN
and Bluetooth™ @ 2.5 GHz
UHF-VHF pre power amplifier
Description
START499ETR is a product of the START family
that provide the market with a Si state-of-art
RF process. Manufactured in ST 3rd generation
bipolar process, it offers the highest power, gain
and efficiency in SOT-343 for given breakdown
voltage (BVceo). Suitable for a wide range of
applications up to 5 GHz, it shows a performance
level achieved before with GaAs products only.
SOT-343
www.st.com
Table 1.
Device summary
Part number
Marking
Package
Packaging
START499ETR
E99
SOT-343
Tape and reel


Similar Part No. - START499ETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
START499 STMICROELECTRONICS-START499 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START499D STMICROELECTRONICS-START499D Datasheet
238Kb / 18P
NPN RF silicon transistor
29-Jun-2010
START499TR STMICROELECTRONICS-START499TR Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
More results

Similar Description - START499ETR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com