Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499ETR Datasheet(PDF) 4 Page - STMicroelectronics

Part # START499ETR
Description  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR Datasheet(HTML) 4 Page - STMicroelectronics

  START499ETR Datasheet HTML 1Page - STMicroelectronics START499ETR Datasheet HTML 2Page - STMicroelectronics START499ETR Datasheet HTML 3Page - STMicroelectronics START499ETR Datasheet HTML 4Page - STMicroelectronics START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
START499ETR
4/14
2
Electrical characteristics
Table 4.
Electrical characteristics (tJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICBO
Collector cutoff current
VCB = 5 V, IE = 0 A
1.2
µA
IEBO
Emitter-base cutoff current
VEB = 1.5 V, IC = 0 A
120
µA
hFE
DC current gain
IC = 160 mA, VCE = 4 V
160
G
Power gain
IC = 200 mA, VCE = 3 V,
f = 1.8 GHz
15
dB
P-1dB
1dB compression point
IC = 200 mA,VCE = 3 V,
f = 1.8 GHz
23.5
dBm
IP3
Ouput third order intercept
point
IC = 200 mA, VCE = 3 V,
f = 1.8 GHz
33.5
dBm
NF
Noise figure
IC = 200 mA, VCE = 3 V,
f = 1.8 GHz
3.3
dB
Table 5.
Quick reference data
Mode of operation
f (GHz)
VCE (V)
PL (dBm)
GP (dB)
η (%)
Class-AB (Icq = 5 mA)
1.9
3.6
26
≤ 12
typ. 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com