Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCF05
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCF05 Datasheet HTML 6Page - STMicroelectronics STCF05 Datasheet HTML 7Page - STMicroelectronics STCF05 Datasheet HTML 8Page - STMicroelectronics STCF05 Datasheet HTML 9Page - STMicroelectronics STCF05 Datasheet HTML 10Page - STMicroelectronics STCF05 Datasheet HTML 11Page - STMicroelectronics STCF05 Datasheet HTML 12Page - STMicroelectronics STCF05 Datasheet HTML 13Page - STMicroelectronics STCF05 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Application
STCF05
10/33
Doc ID 15257 Rev 4
5
Application
**: Connect to VI, or GND or SDA or SCL to choose one of the 4 different I²C slave addresses.
***: Optional components to support auxiliary functions. Vref = 1.8 V.
Note:
Above listed components refer to typical application. Operation of the STCF05 is not limited
to the choice of these external components.
Figure 3.
Application schematic
Table 5.
List of external components
Component
Manufacturer
Part number
Value
Size
CI
TDK
C1608X5R0J106M
10 µF
0603
CO
TDK
C1608X5R1A105M
1 µF
0603
LTDK
VLF4014A-1R0N2R2 (1)
1 µH
3.7 x 3.5 x 1.2 [mm]
VLS252012T-1R0N1R7 (2)
1 µH
2.5 x 2 x 1.2 [mm]
NTC
Murata
NCP21WF104J03RA
100 k
Ω
0805
RX
R
Ω
MCR01MZPJ15K
15 k
Ω
0402
LED
Luxeon LED
2 x LXCL-PWF1
0805
1.
Inductor type is recommended for high efficiency operation 85 % typ. at 400 mA output current.
2.
This inductor type is recommended for the minimum app. area with typ. efficiency of the operation 77 % at 400 mA output
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com