Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCF05
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCF05 Datasheet HTML 7Page - STMicroelectronics STCF05 Datasheet HTML 8Page - STMicroelectronics STCF05 Datasheet HTML 9Page - STMicroelectronics STCF05 Datasheet HTML 10Page - STMicroelectronics STCF05 Datasheet HTML 11Page - STMicroelectronics STCF05 Datasheet HTML 12Page - STMicroelectronics STCF05 Datasheet HTML 13Page - STMicroelectronics STCF05 Datasheet HTML 14Page - STMicroelectronics STCF05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
STCF05
Electrical characteristics
Doc ID 15257 Rev 4
11/33
6
Electrical characteristics
TA = 25 °C, VIN = 3.6 V, 2 x CIN = 10 µF, COUT = 1 µF, L = 1 µH, RX = 15 kΩ. Typ. values are
at 25 °C, unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input operating supply
voltage
(1)
2.5
5.5
V
VPW_ON
RESET
Power ON reset
threshold
VIN rising
2.3
V
IO
Output current
adjustment range IFLASH
Flash mode for VIN=2.5V to 5.5V;
VOUT=10V;
75
400
mA
Output current
adjustment range
ITORCH
Torch mode VIN=2.5V to 5.5V
15
120
Auxiliary LED output
current adjustment
range IAUXLED
Ready mode, VIN=3.3V to 5.5V
0
20
VOUT
Regulated voltage range
VBAT
10.2
V
ΔI
O
Output current variation
Flash mode
-10
10
%
IQ
Quiescent current in
standby mode
NTC_ON=0
0.6
1
µA
NTC_ON=1
0.6
1
µA
Quiescent current in
Ready-mode
Aux LED=ON, Aux LED disconnected
5.5
mA
fs
Frequency
VIN=2.7V
1.8
MHz
ν
Efficiency of the chip
itself (2)
VIN=3.2 to 4.2V, flash mode, IO=400mA,
VO=2xVFLED_max+VLED =10V
85
%
ν
Efficiency of the whole
application (3)
VIN=3.2 to 4.2V, flash mode, IO=400mA
79
%
OVP
Output over voltage
protection
VIN= 5.5V, No Load
11.6
V
OTP
Over temperature
protection
VIN=5.5V
140
°C
OTHYST
Over temperature
hysteresis
VIN=5.5V
20
°C
VREF5
NTC hot voltage
threshold
Ready mode, INTC=2mA max
1.2
V
VREF4
NTC warning voltage
threshold
Ready mode, INTC=2mA max
0.56
V
ATN_VOL
Low level ATN output
logic signal
IOL=10mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com