Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCF05
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCF05 Datasheet HTML 19Page - STMicroelectronics STCF05 Datasheet HTML 20Page - STMicroelectronics STCF05 Datasheet HTML 21Page - STMicroelectronics STCF05 Datasheet HTML 22Page - STMicroelectronics STCF05 Datasheet HTML 23Page - STMicroelectronics STCF05 Datasheet HTML 24Page - STMicroelectronics STCF05 Datasheet HTML 25Page - STMicroelectronics STCF05 Datasheet HTML 26Page - STMicroelectronics STCF05 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
STCF05
Registers description
Doc ID 15257 Rev 4
23/33
9.10
AUXT_0~3
This 4 bit register controls the timer that defines the ON-time of the AUX LED current
source. ON-time starts when the AUXI register is loaded with any value other than zero, and
stops after the time defined in the AUXT register. Values from 1 to 14 of the AUXT register
correspond to an ON-time of the AUX LED ranging from 100 to 1400 ms in 100 ms steps.
The value 15 puts the AUX LED to the continuous light mode. The activation/deactivation of
the AUX LED current source is controlled using only the AUXI register.
9.11
LED_S
This bit is set by the STCF05 when the voltage seen on the current mirror is above 1.2 V
during a torch or flash operation. This condition can be caused by shorted LEDs, This bit is
reset by the STCF05 following a read operation of the STAT_REG.
9.12
F_RUN
This bit is kept HIGH by the STCF05 during flash mode. By checking this bit, the
microprocessor can verify if the flash mode is running or has been terminated by the time
counter.
Table 13.
Auxiliary LED dimming table (1)
AUXI (hex)
01
234
567
89
A
B
C
D
E
F
AUX LED
current [mA]
0.0
1.3
2.6
4.0
5.3
6.6
8.0
9.3
10.6 12.0 13.3 14.6 16.0 17.3 18.6 20.0
1.
20 mA output current is achievable only if the supply voltage is higher than 3.3 V.
Table 14.
Torch mode and flash mode dimming registers settings
LDIM (hex)
0
1
2
3
4
5
6
7
8
9
A
B
C
TDIM (hex)
0
1
2
3
4
5
6
7
FDIM(hex)
0
1
2
3
4
5
6
7
LED current [mA]
15
20
30
45
60
75
90
120
160
200
240
320
400
Internal step
12
34
56
78
9
10
11
12
13
Table 15.
Status register
STAT_REG
(read mode)
MSB
LSB
SUB ADD=03
LED_S
F_RUN
LED_O
NTC_W
NTC_H
OT_F
OC_F
VOUTOK_N
Power ON,
SHUTDOWN MODE
RESET Value
00
00
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com