Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP20V60F Datasheet HTML 3Page - STMicroelectronics STGP20V60F Datasheet HTML 4Page - STMicroelectronics STGP20V60F Datasheet HTML 5Page - STMicroelectronics STGP20V60F Datasheet HTML 6Page - STMicroelectronics STGP20V60F Datasheet HTML 7Page - STMicroelectronics STGP20V60F Datasheet HTML 8Page - STMicroelectronics STGP20V60F Datasheet HTML 9Page - STMicroelectronics STGP20V60F Datasheet HTML 10Page - STMicroelectronics STGP20V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID024890 Rev 1
7/18
STGB20V60F, STGP20V60F
Electrical characteristics
Figure 8. Safe operating area
Figure 9. Transfer characteristics
Figure 10. Normalized VGE(th) vs. junction
temperature
Figure 11. Normalized V(BR)CES vs. junction
temperature
Figure 12. Capacitance variations
Figure 13. Gate charge vs. gate-emitter voltage
AM17179v1
0.01
0.1
1
10
110
100
IC (A)
VCE (V)
10 μs
100 μs
1 ms
(single pulse T
C =25 °C,
T
J <=175 °C; VGE =15 V)
AM17173v1
TJ=175°C
10
20
30
40
50
60
70
78
9
10
11
IC (A)
VGE (V)
-40°C
25°C
AM17181v1
0.6
0.7
0.8
0.9
1.0
1.1
-50
0
50
100
150
VGE(th)
norm
TJ(ºC)
V = 5V
GE
AM17180v1
0.9
1.0
1.1
-50
0
50
100
150
V(BR)CES
norm
TJ(ºC)
AM17183v1
10
100
1000
0.1
1
10
C (pF)
VCE(V)
C res
Coes
C ies
AM17182v1
0
2
4
6
8
10
12
14
16
025
50
75
100
125
VGE(V)
Qg (nC)
VCC = 480 V
IC = 20 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com