Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20V60F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20V60F Datasheet(HTML) 1 Page - STMicroelectronics

  STGP20V60F Datasheet HTML 1Page - STMicroelectronics STGP20V60F Datasheet HTML 2Page - STMicroelectronics STGP20V60F Datasheet HTML 3Page - STMicroelectronics STGP20V60F Datasheet HTML 4Page - STMicroelectronics STGP20V60F Datasheet HTML 5Page - STMicroelectronics STGP20V60F Datasheet HTML 6Page - STMicroelectronics STGP20V60F Datasheet HTML 7Page - STMicroelectronics STGP20V60F Datasheet HTML 8Page - STMicroelectronics STGP20V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
July 2013
DocID024890 Rev 1
1/18
18
STGB20V60F,
STGP20V60F
600 V, 20 A very high speed
trench gate field-stop IGBT
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: T
J
= 175 °C
• Very high speed switching series
• Tail-less switching off
• Low saturation voltage: V
CE(sat)
= 1.8 V (typ.)
@ I
C
= 20 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Lead free package
Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. The device is part of the "V" series of
IGBTs, which represent an optimum compromise
between conduction and switching losses to
maximize the efficiency of very high frequency
converters. Furthermore, a positive V
CE(sat)
temperature coefficient and very tight parameter
distribution result in safer paralleling operation.
C (2, TAB)
E (3)
G (1)
D2PAK
1
3
TAB
1
2
3
TAB
TO-220
Table 1. Device summary
Order code
Marking
Package
Packaging
STGB20V60F
GB20V60F
D
2
PAK
Tape and reel
STGP20V60F
GP20V60F
TO-220
Tube
www.st.com


Similar Part No. - STGP20V60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGP20V60DF STMICROELECTRONICS-STGP20V60DF Datasheet
2Mb / 23P
Low thermal resistance
04-Jun-2013
More results

Similar Description - STGP20V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
22-May-2014
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com