Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20V60F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20V60F Datasheet(HTML) 5 Page - STMicroelectronics

  STGP20V60F Datasheet HTML 1Page - STMicroelectronics STGP20V60F Datasheet HTML 2Page - STMicroelectronics STGP20V60F Datasheet HTML 3Page - STMicroelectronics STGP20V60F Datasheet HTML 4Page - STMicroelectronics STGP20V60F Datasheet HTML 5Page - STMicroelectronics STGP20V60F Datasheet HTML 6Page - STMicroelectronics STGP20V60F Datasheet HTML 7Page - STMicroelectronics STGP20V60F Datasheet HTML 8Page - STMicroelectronics STGP20V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID024890 Rev 1
5/18
STGB20V60F, STGP20V60F
Electrical characteristics
Table 6. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 20 A,
V
GE
= 15 V
, di/dt = 100 A/
μs
see Figure 21
-38
-
ns
t
r
Current rise time
-
10
-
ns
(di/dt)
on
Turn-on current slope
-
1556
-
A/μs
t
d(off)
Turn-off delay time
-
149
-
ns
t
f
Current fall time
-
15
-
ns
E
on
(1)
1.
Energy losses include reverse recovery of the external diode. The diode is the same of the copacked
STGW20V60DF
Turn-on switching losses
-
200
-
μJ
E
off
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
130
-
μJ
E
ts
Total switching losses
-
330
-
μJ
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 20 A,
di/dt = 100 A/μs,
V
GE
= 15 V
,
T
J
= 175 °C, see
Figure 21
-37
-
ns
t
r
Current rise time
-
12
-
ns
(di/dt)
on
Turn-on current slope
-
1340
-
A/μs
t
d(off)
Turn-off delay time
-
150
-
ns
t
f
Current fall time
-
23
-
ns
E
on
(1)
Turn-on switching losses
-
430
-
μJ
E
off
(2)
Turn-off switching losses
-
210
-
μJ
E
ts
Total switching losses
-
640
-
μJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com