Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10NC60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP10NC60S
Description  10 A, 600 V fast IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60S Datasheet(HTML) 1 Page - STMicroelectronics

  STGP10NC60S Datasheet HTML 1Page - STMicroelectronics STGP10NC60S Datasheet HTML 2Page - STMicroelectronics STGP10NC60S Datasheet HTML 3Page - STMicroelectronics STGP10NC60S Datasheet HTML 4Page - STMicroelectronics STGP10NC60S Datasheet HTML 5Page - STMicroelectronics STGP10NC60S Datasheet HTML 6Page - STMicroelectronics STGP10NC60S Datasheet HTML 7Page - STMicroelectronics STGP10NC60S Datasheet HTML 8Page - STMicroelectronics STGP10NC60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2010
Doc ID 15931 Rev 2
1/18
18
STGD10NC60S
STGP10NC60S
10 A, 600 V fast IGBT
Features
■ Optimized performance for medium operating
frequencies up to 5 kHz in hard switching
■ Low on-voltage drop (VCE(sat))
Application
■ Motor drive
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
DPAK
1
3
TAB
1
2
3
TAB
TO-220
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGD10NC60ST4
GD10NC60S
DPAK
Tape and reel
STGP10NC60S
GP10NC60S
TO-220
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGP10NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH™ IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
272Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
12-Oct-2006
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
315Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
02-Apr-2007
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
More results

Similar Description - STGP10NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
10 A, 600 V fast IGBT
14-Jun-2010
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
3 A, 600 V ultra fast IGBT
29-Oct-2009
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com