Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10NC60S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP10NC60S
Description  10 A, 600 V fast IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60S Datasheet(HTML) 4 Page - STMicroelectronics

  STGP10NC60S Datasheet HTML 1Page - STMicroelectronics STGP10NC60S Datasheet HTML 2Page - STMicroelectronics STGP10NC60S Datasheet HTML 3Page - STMicroelectronics STGP10NC60S Datasheet HTML 4Page - STMicroelectronics STGP10NC60S Datasheet HTML 5Page - STMicroelectronics STGP10NC60S Datasheet HTML 6Page - STMicroelectronics STGP10NC60S Datasheet HTML 7Page - STMicroelectronics STGP10NC60S Datasheet HTML 8Page - STMicroelectronics STGP10NC60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGD10NC60S, STGP10NC60S
4/18
Doc ID 15931 Rev 2
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)CES
Collector-emitter breakdown
voltage (VGE= 0)
IC= 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC= 5 A
VGE= 15 V, IC= 5 A, TJ= 125 °C
1.45
1.45
1.65
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE=0)
VCE= 600 V
VCE=600 V, TJ=125 °C
150
1
µA
mA
IGES
Gate-emitter leakage
(VCE=0)
VGE= ±20 V
±100
nA
gfs
Forward transconductance
VCE = 15 V , IC = 5 A
3.5
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz, VGE= 0
-
365
44
8
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 480 V, IC = 5 A,
VGE = 15 V
Figure 16
-
18
8
3.5
-
nC
nC
nC
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 5 A
RG= 10 Ω, VGE= 15 V,
Figure 17
-
19
4
1330
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 5 A
RG= 10 Ω, VGE= 15 V,
TJ= 125°C
Figure 17
-
18
4.5
1000
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 5 A,
RG = 10 Ω, VGE = 15 V,
Figure 17
-
100
160
205
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 5 A,
RG = 10 Ω, VGE = 15 V,
TJ = 125°C
Figure 17
-
165
250
310
-
ns
ns
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com