Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10NC60S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP10NC60S
Description  10 A, 600 V fast IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60S Datasheet(HTML) 5 Page - STMicroelectronics

  STGP10NC60S Datasheet HTML 1Page - STMicroelectronics STGP10NC60S Datasheet HTML 2Page - STMicroelectronics STGP10NC60S Datasheet HTML 3Page - STMicroelectronics STGP10NC60S Datasheet HTML 4Page - STMicroelectronics STGP10NC60S Datasheet HTML 5Page - STMicroelectronics STGP10NC60S Datasheet HTML 6Page - STMicroelectronics STGP10NC60S Datasheet HTML 7Page - STMicroelectronics STGP10NC60S Datasheet HTML 8Page - STMicroelectronics STGP10NC60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STGD10NC60S, STGP10NC60S
Electrical characteristics
Doc ID 15931 Rev 2
5/18
2.1
Electrical characteristics (curves)
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in Figure 15. If the IGBT is offered
in a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs and diode are at the
same temperature
2.
Turn-off losses included also include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 5 A
RG= 10 Ω, VGE= 15 V,
Figure 15
-
60
340
400
-
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 480 V, IC = 5 A
RG= 10 Ω, VGE= 15 V,
TJ= 125°C
Figure 15
-
90
540
630
-
µJ
µJ
µJ
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Collector-emitter on voltage vs.
collector current
Figure 5.
Collector-emitter on voltage vs.
temperature
0
5
10
15
20
25
30
0246
8
10
IC (A)
VCE (V)
VGE = 7 V
VGE = 8 V
VGE = 9 V
VGE = 10 V
VGE = 11 V
VGE = 15 V
AM07871v1
AM07872v1
0
5
10
15
20
25
30
0246
8
10
12
IC (A)
VGE (V)
VCE = 10 V
AM07873v1
0.5
1
1.5
2
2.5
3
04
8
12
16
20
VCE(sat)
(V)
IC (A)
TJ = -50
°C
TJ = 25
°C
TJ = 150
°C
VGE = 15 V
AM07874v1
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
VCE(sat)
(V)
TJ (
°C)
IC = 10 A
IC = 2.5 A
IC = 5 A
VGE = 15 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com