Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9383 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9383
Description  Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9383 Datasheet(HTML) 2 Page - STMicroelectronics

  STV9383 Datasheet HTML 1Page - STMicroelectronics STV9383 Datasheet HTML 2Page - STMicroelectronics STV9383 Datasheet HTML 3Page - STMicroelectronics STV9383 Datasheet HTML 4Page - STMicroelectronics STV9383 Datasheet HTML 5Page - STMicroelectronics STV9383 Datasheet HTML 6Page - STMicroelectronics STV9383 Datasheet HTML 7Page - STMicroelectronics STV9383 Datasheet HTML 8Page - STMicroelectronics STV9383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Functions
STV9383
2/10
1
Pin Functions
Note 1. The voltage reference, accessible on pin 8, is for internal use only. No additional components
should be connected to this pin except the decoupling capacitor.
2
Functional Description
The STV9383 is a vertical deflection circuit operating in Class D. Class D is a modulation method
where the output transistors work in switching mode at high frequency. The output signal is restored
by filtering the output square wave with an external LC filter. The major interest of this IC is the
comparatively low power dissipation in regards to traditional amplifiers operating in class AB,
eliminating the need of an heatsink.
Except for the output stage which uses Class D modulation, the circuit operation is similar to the
one of a traditional linear vertical amplifier.
A (sawtooth) reference signal has to be applied to the circuit which can accept a differential or
single ended signal. This sawtooth is amplified and applied as a current to the deflection yoke. This
current is measured by means of a low value resistor. The resulting voltage is used as a feedback
signal to guarantee the conformity of the yoke current with the reference input signal.
The overvoltage necessary for a fast retrace is obtained with a chemical capacitor charged at the
power supply voltage of the circuit. At the flyback moment, this capacitor is connected in series with
the output stage power supply. This method, used for several years with the linear vertical boosters
and called “internal flyback” or “flyback generator”, avoids the need of an additional power supply,
while reducing the flyback duration.
The circuit uses a BCD process that combines Bipolar, CMOS and DMOS devices. The output
stage is composed of low-RON N-channel DMOS transistors.
Table 1: STV9383 Pin Descriptions
Pin
Name
Function
Pin
Name
Function
1-VCC
Negative Supply
11
SGND
Signal Ground
2-VCC
Negative Supply
12
IN-
Error Amplifier Inverting Input
3-VCC
Negative Supply
13
IN+
Error Amplifier Non-inverting Input
4
OUT
PWM Output
14
EA out
Error Amplifier Output
5
CFLY+
Flyback Capacitor
15
+VCC
Positive Supply
6
CFLY-
Flyback Capacitor
16
+VCCPOW
Positive Power Supply
7
BOOT
Bootstrap Capacitor
17
-VccPOW
Negative Power Supply
8
VREG
Internal Voltage Regulator
18
-VCC
Negative Supply
9
FEEDCAP
Feed-back Integrating Capacitor
19
-VCC
Negative Supply
10
FREQ
Frequency Setting Resistor
20
-VCC
Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com