Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9383 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9383
Description  Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9383 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9383 Datasheet HTML 1Page - STMicroelectronics STV9383 Datasheet HTML 2Page - STMicroelectronics STV9383 Datasheet HTML 3Page - STMicroelectronics STV9383 Datasheet HTML 4Page - STMicroelectronics STV9383 Datasheet HTML 5Page - STMicroelectronics STV9383 Datasheet HTML 6Page - STMicroelectronics STV9383 Datasheet HTML 7Page - STMicroelectronics STV9383 Datasheet HTML 8Page - STMicroelectronics STV9383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 2003
1/10
®
STV9383
Class-D Vertical Deflection Amplifier
for 2.0 Amp TV and Monitor Applications
Main Features
s High-Efficiency Power Amplifier
s No Heatsink
s Split Supply
s Internal Flyback Generator
s Output Current up to 2.0 APP
s Suitable for DC Coupling Applications
s Few External Components
s Protection against Low VCC
Description
Designed for TV and monitor applications, the
STV9383 is a Class-D vertical deflection booster
assembled in a 20-pin plastic DIP package.
It operates with supplies up to ±18 V and provides
an output current up to 2.0 APP to drive the yoke.
The internal flyback generator avoids the need for
an extra power supply.
PDIP 20
Order Code: STV9383
-VCC
-VCC
-VCC
-VCC
-VCC
-VCC
-VCC POW
+ VCC POW
+VCC
EAout
IN+
IN-
SGND
OUT
CFLY +
CFLY -
BOOT
VREG
FEEDCAP
FREQ
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
7


Similar Part No. - STV9383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
May-2000
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
Oct-2003
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
Sep-2003
STV9382 STMICROELECTRONICS-STV9382 Datasheet
157Kb / 10P
OPTIMWATTTM Class-D Vertical Deflection Amplifier for 1.5 Amp TV Applications
More results

Similar Description - STV9383

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4800 PHILIPS-TDA4800 Datasheet
90Kb / 16P
Vertical deflection circuit for monitor applications
1997 Mar 27
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
May-2000
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
TEMIC Semiconductors
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
TV Vertical Deflection Output Amplifier
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
TV Vertical Deflection Output Amplifier
logo
STMicroelectronics
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
Sep-2003
STV9382 STMICROELECTRONICS-STV9382 Datasheet
157Kb / 10P
OPTIMWATTTM Class-D Vertical Deflection Amplifier for 1.5 Amp TV Applications
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
Oct-2003
logo
General Electric Compan...
6AV5GA GEC-6AV5GA Datasheet
351Kb / 4P
FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408_07 Datasheet
139Kb / 5P
Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com