Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9383 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9383
Description  Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9383 Datasheet(HTML) 3 Page - STMicroelectronics

  STV9383 Datasheet HTML 1Page - STMicroelectronics STV9383 Datasheet HTML 2Page - STMicroelectronics STV9383 Datasheet HTML 3Page - STMicroelectronics STV9383 Datasheet HTML 4Page - STMicroelectronics STV9383 Datasheet HTML 5Page - STMicroelectronics STV9383 Datasheet HTML 6Page - STMicroelectronics STV9383 Datasheet HTML 7Page - STMicroelectronics STV9383 Datasheet HTML 8Page - STMicroelectronics STV9383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Flyback
Flyback
Output
Modulator
+
_
Drive
Generator
Detection
+VCC
+VCC power
CFLYBACK
CFLY+
100nF
VREG
IN+
IN -
1 k
Ω
10k
Ω
EA out
-VCC power
-VCC
-VCC
BOOT
Cboot
470nF
10k
Ω
4.7nF
FREQ
FEEDCAP
SGND
Pins 1, 2, 3, 18, 19 and 20
OUT
0.5
Ω
Deflect.
Yoke*
CFLY-
+VCC
1mH
Input Signal
1k
Ω
220nF
-VCC
100nF
100nF
1000
µF
1000
µF
STV9383
100
µF
14
11
9
17
560pF
150
Ω
200
Ω
15
16
8
STV9383
5
6
7
4
13
12
150
Ω
10
VREF
-VCC
470pF
* Deflection yoke characteristics: R = 5.5
Ω, L = 7mH
100nF
Sense
Resistor
fVERT = 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com