Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LAJ Datasheet(PDF) 16 Page - STMicroelectronics

Part # GG25LAJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LAJ Datasheet(HTML) 16 Page - STMicroelectronics

Back Button GG25LAJ Datasheet HTML 12Page - STMicroelectronics GG25LAJ Datasheet HTML 13Page - STMicroelectronics GG25LAJ Datasheet HTML 14Page - STMicroelectronics GG25LAJ Datasheet HTML 15Page - STMicroelectronics GG25LAJ Datasheet HTML 16Page - STMicroelectronics GG25LAJ Datasheet HTML 17Page - STMicroelectronics GG25LAJ Datasheet HTML 18Page - STMicroelectronics GG25LAJ Datasheet HTML 19Page - STMicroelectronics GG25LAJ Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Functional description
GG25L
16/28
DocID025995 Rev 1
6.4
Power-up and battery swap detection
When the GG25L is powered up at first battery insertion, an automatic battery voltage
measurement cycle is made immediately after startup and debounce delay.
This feature enables the system controller to get the SOC of a newly inserted battery based
on the OCV measured just before the system actually starts.
Figure 8. Timing diagram at power-up
A battery swap is detected when the battery voltage drops below the undervoltage lockout
(UVLO) for more than 1 s. The GG25L restarts when the voltage goes back above UVLO, in
the same way as for a power-up sequence.
Such filtering provides robust battery swap detection and prevents restarting in case of short
voltage drops. This feature protects the application against high surge currents at low
temperatures.
Figure 9. Restart in case of battery swap
Example: When BATD/CD is high (voltage above the 1.61 V threshold) for more than 1 s, a
battery swap is detected. The GG25L restarts when the BATD/CD level returns below the
threshold, in the same way as for a power-up sequence.
Using the 1-s filter prevents false battery swap detection if short contact bouncing occurs at
the battery terminals due to mechanical vibrations or shocks.
VCC
UVLO
Short UVLO
event < 1s
No restart,
No operation
interuption
<1s
Long battery disconnection
events > 1s
GG25L restarts
>1s
POR
GAMS2502141520SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com