Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LAJ Datasheet(PDF) 24 Page - STMicroelectronics

Part # GG25LAJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LAJ Datasheet(HTML) 24 Page - STMicroelectronics

Back Button GG25LAJ Datasheet HTML 20Page - STMicroelectronics GG25LAJ Datasheet HTML 21Page - STMicroelectronics GG25LAJ Datasheet HTML 22Page - STMicroelectronics GG25LAJ Datasheet HTML 23Page - STMicroelectronics GG25LAJ Datasheet HTML 24Page - STMicroelectronics GG25LAJ Datasheet HTML 25Page - STMicroelectronics GG25LAJ Datasheet HTML 26Page - STMicroelectronics GG25LAJ Datasheet HTML 27Page - STMicroelectronics GG25LAJ Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
I²C interface
GG25L
24/28
DocID025995 Rev 1
Table 15. REG_CTRL - address 1
Name
Position
Type
Def.
Description
IO0DATA
0
RX
ALM pin status
0 = ALM input is low
1 = ALM input is high
W1
ALM pin output drive
0 = ALM is forced low
1 = ALM is driven by the alarm conditions
GG_RST
1
W
0
0: no effect
1: resets the conversion counter
GG_RST is a self-clearing bit.
GG_VM
2
R
0
Voltage mode active
0 = REG_SOC from Coulomb counter mode
1 = REG_SOC from Voltage mode
BATFAIL
3
R/W
0
Battery removal or UVLO detection bit.
Write 0 to clear
(Write 1 is ignored)
PORDET
4
R1
Power on reset (POR) detection bit
0 = no POR event occurred
1 = POR event occurred
W0
Soft reset
0 = release the soft-reset and clear the POR
detection bit,
1 = assert the soft-reset and set the POR detection
bit.
This bit is self clearing.
ALM_SOC
5
R/W
0
Set with a low-SOC condition.
Cleared by writing 0.
ALM_VOLT
6
R/W
0
Set with a low-voltage condition.
Cleared by writing 0.
7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com