Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LAJ Datasheet(PDF) 23 Page - STMicroelectronics

Part # GG25LAJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LAJ Datasheet(HTML) 23 Page - STMicroelectronics

Back Button GG25LAJ Datasheet HTML 19Page - STMicroelectronics GG25LAJ Datasheet HTML 20Page - STMicroelectronics GG25LAJ Datasheet HTML 21Page - STMicroelectronics GG25LAJ Datasheet HTML 22Page - STMicroelectronics GG25LAJ Datasheet HTML 23Page - STMicroelectronics GG25LAJ Datasheet HTML 24Page - STMicroelectronics GG25LAJ Datasheet HTML 25Page - STMicroelectronics GG25LAJ Datasheet HTML 26Page - STMicroelectronics GG25LAJ Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID025995 Rev 1
23/28
GG25L
I²C interface
28
7.2.2
Register description
Values held in consecutive registers (such as the charge value in the REG_SOC register
pair) are stored with high bits in the first register and low bits in the second register. The
registers must be read with a single I²C access to ensure data integrity. It is possible to read
multiple values in one I²C access. All values must be consistent.
The SOC data are coded in binary format and the LSB of the low byte is 1/512 %. The
battery current is coded in 2’s complement format and the LSB value is 5.88 µV. The battery
voltage is coded in 2’s complement format and the LSB value is 2.20 mV. The temperature
is coded in 2’s complement format and the LSB value is 1°C.
Table 14. REG_MODE - address 0
Name
Position
Type
Def.
Description
VMODE
0
R/W
1
0: Mixed mode (Coulomb counter active)
1: Power saving voltage mode
CLR_VM_ADJ
1
R/W
0
Write 1 to clear ACC_VM_ADJ and
REG_VM_ADJ.
Auto clear bit if GG_RUN = 1
CLR_CC_ADJ
2
R/W
0
Write 1 to clear ACC_CC_ADJ and REG_CC_ADJ
Auto clear bit if GG_RUN = 1
ALM_ENA
3
R/W
1
Alarm function
0: Disabled
1: Enabled
GG_RUN
4
R/W
0
0: Standby mode. Accumulator and counter
registers are frozen, gas gauge and battery
monitor functions are in standby.
1: Operating mode.
FORCE_CC
5
R/W
0
Forces the mixed mode relaxation timer to switch
to the Coulomb counter mode.
Write 1, self clear to 0
Relaxation counter = 0
FORCE_VM
6
R/W
0
Forces the mixed mode relaxation timer to switch
to voltage gas gauge mode.
Write 1, self clear to 0
Relaxation counter = Relax_max
7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com