Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWTA6 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWTA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWTA6 Datasheet(HTML) 2 Page - Texas Instruments

  TNETV2665FIBZWTA6 Datasheet HTML 1Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 2Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 3Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 4Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 5Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 6Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 7Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 8Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
• 10/100 Mb/s Ethernet MAC (EMAC)
• Packages:
– IEEE 802.3 Compliant
– 361-Pin Pb-Free PBGA Package
(ZWT Suffix), 0.8-mm Ball Pitch
– Supports Multiple Media Independent
Interfaces (MII, RMII)
– 376-Pin Plastic BGA Package
(ZDU Suffix), 1.0-mm Ball Pitch
– Management Data Input/Output (MDIO)
Module
• 0.09-
μm/6-Level Cu Metal Process (CMOS)
• VLYNQ™ Interface (FPGA Interface)
• 3.3-V and 1.8-V I/O, 1.2-V Internal
(-7/-6/-5/-4/Q6/-Q5/-Q4)
• Three Pulse Width Modulator (PWM) Outputs
• 3.3-V and 1.8-V I/O, 1.05-V Internal
• On-Chip ROM Bootloader
(-7/-6/-5/-4/-L/-Q5)
• Individual Power-Savings Modes
• Applications:
• Flexible PLL Clock Generators
– Telecom
• IEEE-1149.1 (JTAG™)
– Audio
Boundary-Scan-Compatible
– Industrial Applications
• Up to 111 General-Purpose I/O (GPIO) Pins
(Multiplexed With Other Device Functions)
• Community Resources
– TI E2E Community
– TI Embedded Processors Wiki
1.2
Description
The TMS320C64x+™ DSPs (including the TMS320C6424 device) are the highest-performance fixed-point
DSP generation in the TMS320C6000™ DSP platform. The C6424 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for digital signal processor applications.
The C64x+™ devices are upward code-compatible from previous devices that are part of the C6000™
DSP platform. The C64x™ DSPs support added functionality and have an expanded instruction set from
previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 5600 million instructions per second (MIPS) at a clock rate of 700 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in telecom, audio, and industrial
applications. The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of
2800 million MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 5600 MMACS. For
more details on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference
Guide (literature number SPRU732).
The C6424 also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The C6424 core uses a two-level
cache-based architecture. The Level 1 program memory/cache (L1P) consists of a 256K-bit memory
space that can be configured as mapped memory or direct mapped cache, and the Level 1 data (L1D)
consists of a 640K-bit memory space —384K-bit of which is mapped memory and 256K-bit of which can
be configured as mapped memory or 2-way set-associative cache. The Level 2 memory/cache (L2)
consists of a 1M-bit memory space that is shared between program and data space. L2 memory can be
configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a management data input/output
(MDIO) module; a 4-bit transmit, 4-bit receive VLYNQ interface; an inter-integrated circuit (I2C) Bus
interface; two multichannel buffered serial ports (McBSPs); a multichannel audio serial port (McASP0) with
4 serializers; 2 64-bit general-purpose timers each configurable as 2 independent 32-bit timers; 1 64-bit
watchdog timer; a user-configurable 16-bit host-port interface (HPI); up to 111-pins of general-purpose
2
TMS320C6424 Fixed-Point Digital Signal Processor
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com