Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWTA6 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWTA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWTA6 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETV2665FIBZWTA6 Datasheet HTML 4Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 5Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 6Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 7Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 8Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 9Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 10Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 11Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-1. Characteristics of the C6424 Processor (continued)
HARDWARE FEATURES
C6424
1.43 (-7)
1.67 (-6/-Q6)
CVDD = 1.2 V
2 (-5/-Q5)
2.5 (-4/-Q4)
Cycle Time(1)
ns
1.79 (-7)
2.22 (-6)
CVDD = 1.05 V
2.5 (-5/-Q5/-L)
2.8 (-4)
1.2 V
(-7/-6/-5/-4/-Q6/-Q5/-Q4)
Core (V)
Voltage(1)
1.05 V
(-7/-6/-5/-4/-L/-Q5)
I/O (V)
1.8 V, 3.3 V
MXI/CLKIN frequency multiplier
PLL Options
x1 (Bypass), x14 to x32
(15-30 MHz reference)
16 x 16 mm, 0.8 mm pitch
361-Pin BGA (ZWT)
BGA Package(s)
23 x 23 mm, 1.0 mm pitch
376-Pin BGA (ZDU)
Process Technology
µm
0.09 µm
Product Preview (PP), Advance Information (AI),
Product Status(2)
PD
or Production Data (PD)
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
C64x+ Megamodule
The C64x+ Megamodule (Figure 2-1) consists of the following components:
TMS320C64x+ CPU
Internal memory controllers:
Level-1 program memory controller (L1P controller)
Level-1 data memory controller (L1D controller)
Level-2 unified memory controller (L2 controller)
External memory controller (EMC)
Internal direct memory access (IDMA) controller
Internal peripherals
Interrupt controller (INTC)
Power-down controller (PDC)
The following C64x+ Megamodule standard features are not supported on the C6424 device:
Memory Protection
Power-down of the internal memories (L1P, L1D, and L2)
For more detailed information on the C64x+ Megamodule, see the TMS320C64x+ DSP Megamodule
Reference Guide (literature number SPRU871).
8
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com