Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWTA6 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWTA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWTA6 Datasheet(HTML) 5 Page - Texas Instruments

  TNETV2665FIBZWTA6 Datasheet HTML 1Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 2Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 3Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 4Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 5Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 6Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 7Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 8Page - Texas Instruments TNETV2665FIBZWTA6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Ranges of Supply Voltage and Operating
1
TMS320C6424 Fixed-Point Digital Signal
Processor
................................................. 1
Temperature (Unless Otherwise Noted)
.......... 127
6
Peripheral Information and Electrical
1.1
Features
.............................................. 1
Specifications
......................................... 129
1.2
Description
........................................... 2
6.1
Parameter Information
............................ 129
1.3
Functional Block Diagram
............................ 4
6.2
Recommended Clock and Control Signal Transition
Revision History
.............................................. 6
Behavior
........................................... 130
2
Device Overview
........................................ 7
6.3
Power Supplies
.................................... 130
6.4
Enhanced Direct Memory Access (EDMA3)
2.1
Device Characteristics
............................... 7
Controller
.......................................... 138
2.2
C64x+ Megamodule
................................. 8
6.5
Reset
.............................................. 150
2.3
Memory Map Summary
............................. 18
6.6
External Clock Input From MXI/CLKIN Pin
........ 160
2.4
Pin Assignments
.................................... 21
6.7
Clock PLLs
........................................ 162
2.5
Terminal Functions
................................. 30
6.8
Interrupts
.......................................... 168
2.6
Device Support
..................................... 64
6.9
External Memory Interface (EMIF)
................ 171
2.7
Device and Development-Support Tool
6.10
Universal Asynchronous Receiver/Transmitter
Nomenclature
....................................... 64
(UART)
............................................ 180
2.8
Documentation Support
............................ 66
6.11
Inter-Integrated Circuit (I2C)
...................... 183
3
Device Configurations
................................ 67
6.12
Host-Port Interface (HPI) Peripheral
.............. 188
3.1
System Module Registers
.......................... 67
6.13
Multichannel Buffered Serial Port (McBSP)
....... 193
6.14
Multichannel Audio Serial Port (McASP0) Peripheral
3.2
Power Considerations
.............................. 67
..................................................... 202
3.3
Clock Considerations
............................... 69
6.15
Ethernet Media Access Controller (EMAC)
....... 210
3.4
Boot Sequence
..................................... 71
6.16
Management Data Input/Output (MDIO)
.......... 219
3.5
Configurations At Reset
............................ 80
6.17
Timers
............................................. 221
3.6
Configurations After Reset
......................... 83
6.18
Peripheral Component Interconnect (PCI)
........ 223
3.7
Multiplexed Pin Configurations
..................... 87
6.19
Pulse Width Modulator (PWM)
.................... 228
3.8
Device Initialization Sequence After Reset
....... 119
6.20
VLYNQ
............................................ 230
3.9
Debugging Considerations
........................ 121
6.21
General-Purpose Input/Output (GPIO)
............ 234
4
System Interconnect
................................ 123
6.22
IEEE 1149.1 JTAG
................................ 238
4.1
System Interconnect Block Diagram
.............. 123
7
Mechanical Data
...................................... 240
5
Device Operating Conditions
...................... 125
7.1
Thermal Data for ZWT
............................ 240
5.1
Absolute Maximum Ratings Over Operating
Temperature Range (Unless Otherwise Noted)
7.2
Thermal Data for ZDU
............................. 241
..................................................... 125
7.3
Packaging Information
............................ 241
5.2
Recommended Operating Conditions
............. 126
5.3
Electrical Characteristics Over Recommended
Copyright © 2007–2009, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com