Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # SEA01TR
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SEA01TR Datasheet HTML 10Page - STMicroelectronics SEA01TR Datasheet HTML 11Page - STMicroelectronics SEA01TR Datasheet HTML 12Page - STMicroelectronics SEA01TR Datasheet HTML 13Page - STMicroelectronics SEA01TR Datasheet HTML 14Page - STMicroelectronics SEA01TR Datasheet HTML 15Page - STMicroelectronics SEA01TR Datasheet HTML 16Page - STMicroelectronics SEA01TR Datasheet HTML 17Page - STMicroelectronics SEA01TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Online digital trimming procedure
SEA01
14/24
DocID024452 Rev 1
3.4.2
Emulate VrefI
The command “emulate VrefI” writes data in the volatile VrefI register. It is a write command
and corresponds to the code given in Table 5.
The value of VrefI is changed according to the data sent (see Table 7).
The 8th bit D8 is the parity check bit.
Byte 1
(address, write type)
Byte 2:
command
Byte 3:
write data
x
Sent by slave (device)
x
x
Sent by master
Table 7. VrefI values
Data bits
Trim step [%]
VrefI value [mV]
0
000000
Default (1)
MSB
LSB
D1
D2
D3
D4
D5
D6
D7
D8 (pck)
0
000000
0
0
30 default (1) (2)
0
000001
1
3.3
31
0
000010
1
6.6
32
0
000011
0
10
33
0
000100
1
13.3
34
0
000101
0
16.6
35
0
000110
0
20
36
0
000111
1
23.3
37
0
001000
1
26.6
38
0
001001
0
30
39
0
001010
0
33.3
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com