Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # SEA01TR
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SEA01TR Datasheet HTML 13Page - STMicroelectronics SEA01TR Datasheet HTML 14Page - STMicroelectronics SEA01TR Datasheet HTML 15Page - STMicroelectronics SEA01TR Datasheet HTML 16Page - STMicroelectronics SEA01TR Datasheet HTML 17Page - STMicroelectronics SEA01TR Datasheet HTML 18Page - STMicroelectronics SEA01TR Datasheet HTML 19Page - STMicroelectronics SEA01TR Datasheet HTML 20Page - STMicroelectronics SEA01TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID024452 Rev 1
17/24
SEA01
Online digital trimming procedure
In case of a communication error, the content of status register is <11>, which means that
the internal parity flag fail was activated. After a read command is executed, the parity flag
fail is reset and a new command can be executed by the device.
3.5.2
Read VrefI
The command “read VrefI” reads data from the volatile VrefI register and the OTP status
register. It is a write/read command and corresponds to the code given in Table 5.
Once the device receives the Emulate/read VrefI command, in order to perform a read, it is
necessary to send a repeated start (Sr) and address as a read, i.e. with the 8th bit (R/W) set
to 'one'. The device will send to the data bus an 8-bit word where the first two bits are the
status register bit M1 and M2 and the following 6 bits are the value of VrefI with parity check
as last bit.
In case of a communication error, the content of the status register is <11>, which means
that the internal parity flag fail was activated. After a read command is executed, the parity
flag fail is reset and a new command can be executed by the device.
3.6
Write NVM (OTP)
After VrefV and VrefI have been trimmed to the desired level, the user can confirm their
values and store them permanently.
The presence of two OTP allows the user to repeat the trimming procedure a second time
and change the value previously stored in the device. Please note that when the user starts
from an IC already burned once, the default values of VrefV or VrefI are the ones stored in
the first OTP.
This is virtually a real-time trim-and-test without switching off the supply. It is important that
during the entire process the supply voltage of the IC never falls below its UVLO level,
otherwise, the settings stored in the volatile memory will be lost and the IC will return to the
default setting or the values stored in the first OTP. It is also necessary that the burn
command is executed with Vcc = 19 V with a current capability of 90 mA.
Byte 1
(address, write
type)
Byte 2
command
Byte 3
(address, read
type)
Byte 4
read data
Sr
x
x
Sent by slave (device)
x
x
Sent by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com