Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA01TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # SEA01TR
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SEA01TR Datasheet HTML 12Page - STMicroelectronics SEA01TR Datasheet HTML 13Page - STMicroelectronics SEA01TR Datasheet HTML 14Page - STMicroelectronics SEA01TR Datasheet HTML 15Page - STMicroelectronics SEA01TR Datasheet HTML 16Page - STMicroelectronics SEA01TR Datasheet HTML 17Page - STMicroelectronics SEA01TR Datasheet HTML 18Page - STMicroelectronics SEA01TR Datasheet HTML 19Page - STMicroelectronics SEA01TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Online digital trimming procedure
SEA01
16/24
DocID024452 Rev 1
3.5
Read commands and status register
It is possible to read the content of the volatile memory and also the status of the NVM
memory (two OTP), that indicates how many times the NVM has been burned (zero, one or
two) or if a an error occurred during the trimming process (Status register) (see Table 8).
The read command of the volatile memory can be used to check the value written in the
volatile memory before permanently storing it, increasing the robustness of the trimming
process. As described in Section 3.4: Emulation commands, the read of the non-volatile
memory is necessary to reset the internal parity fail flag eventually activated by a
communication error during the trimming process.
3.5.1
Read VrefV
The command “read VrefV” reads data from the volatile VrefV register and the OTP status
register. It is a write/read command and corresponds to the code given in Table 5
Once the device receives the Emulate/read VrefV command, in order to perform a read, it is
necessary to send a repeated start (Sr) and address as a read, i.e. with the 8th bit (R/W) set
to 'one'. The device will send to the data bus an 8-bit word where the first two bits are the
status register bit M1 and M2 and the following 6 bits are the value of VrefV with the parity
check as the last bit.
Table 8. Status register
Status register
NVM write residual
possibility
Parity fail flag
M1
M2
00
2
0
01
1
0
10
0
0
11
X
1
Byte 1
(address, write
type)
Byte 2
command
Byte 3
(address, read
type)
Byte 4
read data
S
x
x
Sent by slave (device)
x
x
Sent by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com