Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02JR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STBC02JR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02JR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STBC02JR Datasheet HTML 20Page - STMicroelectronics STBC02JR Datasheet HTML 21Page - STMicroelectronics STBC02JR Datasheet HTML 22Page - STMicroelectronics STBC02JR Datasheet HTML 23Page - STMicroelectronics STBC02JR Datasheet HTML 24Page - STMicroelectronics STBC02JR Datasheet HTML 25Page - STMicroelectronics STBC02JR Datasheet HTML 26Page - STMicroelectronics STBC02JR Datasheet HTML 27Page - STMicroelectronics STBC02JR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Functional pin description
STBC02
24/39
DocID029261 Rev 2
6.15
SW_SEL
SW_SEL, serial SWIRE input pin. It is internally pulled down with a 500 kΩ resistor. In idle
state the SW_SEL pin must be held to ground. See table below for details.
Table 9: SWIRE programming
SW_SEL
pulse
number
Function
Status
Note
Power-on
SW1_OA,
SW2_OA
ON
(default)
SW1_I is connected with SW1_OA and SW2_I is
connected with SW2_OA
SW1_OB,
SW2_OB
OFF
(default)
SW1_OB and SW2_OB are in high impedance (Hi-
Z)
1
SW1_OA
to OFF
2
to ON
3
SW1_OB
to OFF
4
to ON
5
SW2_OA
to OFF
6
to ON
7
SW2_OB
to OFF
8
to ON
9
BATMS
BATMS
OFF
Battery monitor switch (default value)
10
BATMS ON
It increases battery leakage due to external resistor
divider RDIV1, RDIV2
11
IEND
IEND OFF
It disables EOC (end-of-charge signal). Charger
continues working even if IEND is reached
12
IEND 5%
IFAST
(default)
IEND stops the charger phase (default)
13
IEND 2.5%
IFAST
IEND stops the charger phase
14
IBAT OCP
900 mA
Overcurrent protection (battery discharge). Default
value
15
450 mA
16
250 mA
17
100 mA
18
VFLOAT
adjustment
OFF
Default value
19
+50 mV
VFLOAT increases 50 mV (whatever the programmed
value is)
20
+100 mV
VFLOAT increases 100 mV (whatever the
programmed value is)
21
+150 mV
VFLOAT increases 150 mV (whatever the
programmed value is)
22
+200 mV
VFLOAT increases 200 mV (whatever the
programmed value is)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com